Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3102 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3102
Description  Dual 150mA High PSRR Low-Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3102 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3102 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Performance Characteristics
T =25 C, C =2.2 F, C =2.2 F, unless otherwise noted.
AIN
O
O
μμ
4
1. Output Voltage vs Input Voltage
Vo=1.8V
Vo=2.5V
Vo=2.8V
Vo=1.8V
Vo=2.5V
Vo=2.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
23
456
Input Voltage(V)
Io=50mA
Io=1mA
Io=150mA
0
0.5
1
1.5
2
2.5
3
23
456
Input Voltage(V)
Io=50mA
Io=1mA
Io=150mA
0
0.5
1
1.5
2
2.5
3
23456
Input Voltage(V)
Io=50mA
Io=1mA
Io=150mA
1.794
1.795
1.796
1.797
1.798
1.799
1.8
1.801
1.802
1.803
1.804
2.53
3.544.5
5
5.5
6
Input Voltage(V)
Io=50mA,TA=25
℃
Io=50mA,TA=85
℃
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.53
3.544.5
5
5.5
6
Input Voltage(V)
Io=50mA,TA=25
℃
Io=50mA,TA=85
℃
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage(V)
Io=50mA,TA=25
℃
Io=50mA,TA=85
℃
PAM3102
Dual 150mA High PSRR Low-Dropout CMOS Regulator
09/2008 Rev 1.1
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com