Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3102 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3102
Description  Dual 150mA High PSRR Low-Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3102 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3102 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Key Features
Applications
Output Accuracy: 2%
Low Dropout Voltage: 180mV@150mA
High PSRR: 70dB@100Hz
Low Noise Output
Current Limiting
Short Circuit Protection
Thermal Shutdown
Space Saving Package SOT23-6
Cellular Phone
Portable Electronics, PDA
Wireless Devices, Wireless LAN
Computer Peripherals
Camera Module
GPS Receiver
n
n
n
n
n
n
General Description
The dual LDO PAM3102 series of positive voltage
linear regulators feature high output voltage
accuracy, low quiescent current and low dropout
voltage, making them ideal for battery powered
applications. The line transient response and load
transient response are excellent.
Space-saving SOT23-6 package for 2-ch LDOs is
attractive for portable and handheld applications.
They have both thermal shutdown and a current
limit feature to prevent device failure under
extreme operating conditions. They are stable
with an output capacitance of 2.2 F or greater.
μ
n
n
n
n
n
n
n
n
n
±
Pb-Free Package
Their high PSRR
make them useful in applications where AC noise
on the input power supply must be suppressed.
Block Diagram
Current Limit
Thermal
Protection
Current Limit
V
REF
V
REF
-
+
-
+
-
+
-
+
Bias
VOUT2
GND
C2
E
VIN
VOUT1
C1
E
1
www.poweranalog.com
Typical Application
PAM3102
Dual 150mA High PSRR Low-Dropout CMOS Regulator
OUT2
IN
OUT1
2.2 F
μ
Co
C
2.2 F
IN
μ
2.2 F
μ
Co
PAM3102
VIN
VOUT1
GND
VOUT2
CE
CE 2
1
2
1
3
5
6
4
09/2008 Rev 1.1
,
Power Analog Microelectronics Inc


Similar Part No. - PAM3102

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3102

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
Dual 150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
Dual 150mA CMOS Low Dropout Regulator
logo
Texas Instruments
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Analog Microelectronics
AME8852 AME-AME8852 Datasheet
205Kb / 29P
High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
High PSRR, Low Noise, 150mA CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com