Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3102 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3102
Description  Dual 150mA High PSRR Low-Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3102 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3102 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
2. Output Voltage vs Output Current
3. Output Voltage vs Temperature
Vo=1.8V
Vo=1.8V
Vo=2.5V
Vo=2.8V
Vo=2.8V
Vo=2.5V
1.78
1.785
1.79
1.795
1.8
1.805
1.81
0
50
100
150
Output Current(mA)
VIN=2.8V
VIN=3.3V
VIN==5.0V
2.44
2.45
2.46
2.47
2.48
2.49
2.5
2.51
0
50
100
150
Output Current(mA)
VIN=2.8V
VIN=5.0V
VIN=3.3V
2.775
2.78
2.785
2.79
2.795
2.8
2.805
2.81
2.815
0
50
100
150
Output Current(mA)
VIN=5.0V
VIN=3.3V
VIN=2.8V
1.79
1.792
1.794
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
25
45
65
85
105
125
Temperature
(℃)
VIN=3.3V,Io=30mA
VIN=3.3V,Io=150mA
2.48
2.485
2.49
2.495
2.5
2.505
2.51
25
45
65
85
105
125
Temperature
(℃)
VIN=3.3V,Io=30mA
VIN=3.3V,Io=150mA
2.74
2.75
2.76
2.77
2.78
2.79
2.8
2.81
25
45
65
85
105
125
Temperature
(℃)
VIN=3.3V,Io=30mA
VIN=3.3V,Io=150mA
PAM3102
Dual 150mA High PSRR Low-Dropout CMOS Regulator
Typical Performance Characteristics (continued)
09/2008 Rev 1.1
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com