Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3102 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM3102
Description  Dual 150mA High PSRR Low-Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3102 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM3102 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Information
9
Capacitor Selection and Regulator Stability
Shutdown Input Operation
Input-Output ( Dropout ) Voltage
Current Limit and Short Circuit Protection
Thermal considerations
Similar to any low dropout regulator, the external
capacitors used with the PAM3102 must be
carefully selected for regulator stability and
performance.
Please note that
the distance between C and the input pin of the
PAM3102 should not exceed 0.5 inch. Ceramic
capacitors a re suitable for t he PAM3102.
Capacitors with larger values and lower ESR
(equivalent series resistance) provide better
PSRR and line-transient response.
The PAM3102 is designed specifically to work
with low ESR ceramic output capacitors in order
to save space and improve performance. Using
an output ceramic capacitor whose value is
>
The PAM3102 is shutdown by pulling the CE
input low, and turned on by tying the CE input to
VIN or leaving the CE input floating.
A regulator's minimum input-output voltage
differential (or dropout voltage) determines the
lowest usable supply voltage. The PAM3102 has
a typical 180mV dropout voltage. In battery-
powered systems, this will determine the useful
end-of-life battery voltage.
The PAM3102 features a current limit, which
monitors and controls the gate voltage of the
pass transistor. The output current can be limited
to 300mA by regulating the gate voltage. The
PAM3102
also has
a
built-in
short circuit
current limit.
Thermal protection limits power dissipation in the
PA M3102. When the junction temperature
exceeds 150°C, the OTP (Over Temperature
Protection) starts the thermal shutdown and
turns the pass transistor off. The pass transistor
resumes operation after the junction temperature
drops below 120°C.
For
c ontinuous
operation,
the
junction
temperature should be maintained below 125°C.
The power dissipation is defined as:
P = (V -V )*I +Vin*Ignd
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout,
the rate of surrounding airflow and temperature
difference between junction and ambient. The
maximum power dissipation can be calculated by
the following formula:
Where T
is the maximum allowable junction
temperature 125°C,T
i s t he ambient
temperature and
is the thermal resistance
from the junction to the ambient.
For example, as
is 250°C/W for the SOT-23
package based on the standard JEDEC 51-3 for
a single-layer thermal test board, the maximum
power dissipation at TA =25°C can be calculated
by following formula:
P
=(125°C-25°C)/250=0.4W SOT-23
It is also useful to calculate the junction
temperature of the PAM3102 under a set of
specific conditions. Suppose the input voltage
V =3.3V, the output current I =300mA and the
case temperature T =40°C measured by a
thermalcouple during operation, the our power
dissipation is defined as:
P =(3.3V-2.8V)*150mA+(3.3V-1.8V)
*150mA+3.3V*200 A
300mW
And t he junction temperature T
can b e
calculated as follows:
T= T
T = 40°C+0.3W*250°C/W
=40°C+75°C
=115°C<T
= 125°C
For this application, T is lower than the absolute
maximum operating junction temperature,125°C,
so it is safe to use the PAM3102 in this
configuration.
IN
DIN
J(MAX)
A
JA
D(MAX)
IN
O
A
D
J
JA
A
J
J(MAX)
J
2.2μF with ESR>5mΩ ensures stability.
P
= (T
-T )/θ
θ
θ
μ
+P *θ
D(MAX)
J(MAX)
A
JA
JA
DJ
≌
A capacitor C
of more than 1μF can be
employed in the input pin, while there is no upper
limit for the capacitance of C .
IN
IN
OO
PAM3102
Dual 150mA High PSRR Low-Dropout CMOS Regulator
09/2008 Rev 1.1
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com