Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3102 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM3102
Description  Dual 150mA High PSRR Low-Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3102 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM3102 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
4. Ground Current vs Input Voltage
6. Quiescent Current vs Input Voltage
7. Quiescent Current vs Temperature
8. Dropout Voltage vs Output Current
9. Dropout Voltage vs Temperature
5. Ground Current vs Output Current
0
50
100
150
200
250
300
234
56
Input Voltage(V)
Io=300mA
(note 1)
Io=2mA
Io=100mA
0
50
100
150
200
250
23
45
6
Input Voltage(V)
TA=85
℃,Io=0mA
TA=25
℃,Io=0mA
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Output Current(mA)
VIN=3.3V
VIN=4V
VIN=5V
100
120
140
160
180
200
220
240
260
25
45
65
85
105
125
Temperature
(℃)
VIN=5V
VIN=3.3V
0
100
200
300
400
500
600
700
800
900
1000
25
45
65
85
105
125
Temperature
(℃)
Vo=1.8V
Vo=2.5V
Vo=2.8V
0
100
200
300
400
500
600
700
800
900
1000
0
30
60
90
120
150
Output Current (mA)
Vo=1.8V
Vo=2.8V
Vo=2.5V
PAM3102
Dual 150mA High PSRR Low-Dropout CMOS Regulator
Typical Performance Characteristics (continued)
note 1: 2 channels total output current
09/2008 Rev 1.1
Io=150mA
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com