Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3102 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3102
Description  Dual 150mA High PSRR Low-Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3102 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3102 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristic
V
=V
=V =V +1V, T =25 C, C =2.2 F, C =2.2 F, unless otherwise noted.
CE1
CE2
IN
O
A
IN
O
O
μμ
3
PAM3102
Dual 150mA High PSRR Low-Dropout CMOS Regulator
09/2008 Rev 1.1
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage
VIN
Note 1
5.5
V
Output Voltage Accuracy
Vo
Io=1mA
-2.0
2.0
%
Vo=1.8V, Io=150mA
950
mV
Vo=2.5V, Io=150mA
350
mV
Dropout Voltage
Vdrop
Vo=2.8V, Io=150mA
180
mV
Output Current
IO
150
Note 2
mA
Current Limit
ILIM
Vo
≥1.2V
200
mA
Quiescent Current
IQ
Io=0mA
175
250
μA
Ground Pin Current
Ignd
Io=1mA to 150mA
200
250
μA
Shutdown Current
ISD
VCE1=VCE2=0V
0.1
1
μA
Short Circuit Current
Isc
Vo=0V
150
mA
Io=50mA
VIN=3.0V to 4.0V
Vo=1.8V
Io=50mA,
VIN=3.5V to 4.5V
Vo=2.5V
Line Regulation
LNR
Io=50mA,
VIN=3.8V to 4.8V
Vo=2.8V
-0.15
0.1
0.15
%/V
Load Regulation
LDR
VIN=3.3V
Io=1mA to 150mA
-2
1.0
2
%
f=100Hz
70
dB
f=1kHz
63
dB
Power Supply Ripple Rejection
PSRR
Io=50mA,Vo=1.8V
f=10kHz
45
dB
Output Noise
Vn
f=10Hz to 100kHz
35
μVrms
CE Input High Threshold
VTH
1.5
V
CE Input Low Threshold
VTL
0.3
V
CE Pull-Up Resistance
RCE
1.7
5
15
MΩ
Temperature Coefficient
Tc
40
ppm/
OC
Over Temperature Shutdown
OTS
Io=1mA
155
OC
Over Temperature Hysteresis
OTH
Io=1mA
40
OC
Note1: The minimum input voltage (
) of the PAM3102 is determined by output voltage and dropout
voltage.
:
V=V +V
Note 2: Output current is limited by P , maximum I =P /(
-V ).
V
The minimum input voltage is defined as
V
IN(MIN)
IN(MAX)
IN(MIN)
O
drop
DO
D
O
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com