Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EDFS Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # M38261EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EDFS Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button M38261EDFS Datasheet HTML 33Page - Renesas Technology Corp M38261EDFS Datasheet HTML 34Page - Renesas Technology Corp M38261EDFS Datasheet HTML 35Page - Renesas Technology Corp M38261EDFS Datasheet HTML 36Page - Renesas Technology Corp M38261EDFS Datasheet HTML 37Page - Renesas Technology Corp M38261EDFS Datasheet HTML 38Page - Renesas Technology Corp M38261EDFS Datasheet HTML 39Page - Renesas Technology Corp M38261EDFS Datasheet HTML 40Page - Renesas Technology Corp M38261EDFS Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 37 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 37 PWM output timing when PWM register or PWM prescaler is changed
Fig. 36 Structure of PWM control register
b7
b0
PWM control register
(PWMCON : address 002B16)
Count source selection bit
0: f(XIN)
1: f(XIN)/2
PWM0 function enable bit
0: PWM0 disabled
1: PWM0 enabled
PWM1 function enable bit
0: PWM1 disabled
1: PWM1 enabled
Not used (“0” at reading)
T
T2
C
B
T
PWM register
write signal
PWM prescaler
write signal
(Changes from “A” to “B” during “H” period)
(Changes from “T” to “T2” during PWM period)
PWM
(internal)
A
B
T
C
T2
=
stop
PWM0 function
enable bit
PWM1 function
enable bit
PWM0 output
Port
Port
PWM1 output
Port
stop
Port
When the contents of the PWM register or PWM prescaler have changed, the PWM
output will change from the next period after the change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com