Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EDFS Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # M38261EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EDFS Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button M38261EDFS Datasheet HTML 57Page - Renesas Technology Corp M38261EDFS Datasheet HTML 58Page - Renesas Technology Corp M38261EDFS Datasheet HTML 59Page - Renesas Technology Corp M38261EDFS Datasheet HTML 60Page - Renesas Technology Corp M38261EDFS Datasheet HTML 61Page - Renesas Technology Corp M38261EDFS Datasheet HTML 62Page - Renesas Technology Corp M38261EDFS Datasheet HTML 63Page - Renesas Technology Corp M38261EDFS Datasheet HTML 64Page - Renesas Technology Corp M38261EDFS Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 61 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
V
V
“H” input voltage
P00–P07, P10–P17, P40, P43, P45, P47, P50–P53,
P56, P61, P64–P67, P71–P77
“H” input voltage
P20–P27, P41, P42, P44, P46, P54, P55, P57, P60,
P62, P63, P70
RESET
XIN
“L” input voltage
P00–P07, P10–P17, P40, P43, P45, P47, P50–P53,
P56, P61, P64–P67, P71–P77
“L” input voltage
P20–P27, P41, P42, P44, P46, P54, P55, P57, P60,
P62, P63, P70
RESET
XIN
“H” input voltage
“H” input voltage
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
“L” input voltage
“L” input voltage
0.7 VCC
0.8 VCC
0.8 VCC
0.8 VCC
0
0
0
0
VCC
VCC
VCC
VCC
0.3 VCC
0.2 VCC
0.2 VCC
0.2 VCC
V
V
V
V
V
V
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Table 15 Absolute maximum ratings
RECOMMENDED OPERATING CONDITIONS
Table 16 Recommended operating conditions (1)
(VCC = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Power source voltage
A/D, D/A conversion reference voltage
Analog power source voltage
Analog input voltage AN0–AN7
5.5
5.5
5.5
VCC
VCC
VCC
VSS
VREF
AVSS
VIA
Symbol
Parameter
Limits
Min.
V
V
V
V
V
Unit
4.0
2.5
2.5
2.0
AVSS
5.0
5.0
5.0
0
0
Typ.
Max.
Power source voltage
VO
VO
VO
Pd
Topr
Tstg
–0.3 to 7.0
V
Power source voltage
Input voltage
P00–P07, P10–P17, P20–P27,
P40–P47, P50–P57, P60–P67
Input voltage
P70–P77
Input voltage
VL1
Input voltage
VL2
Input voltage
VL3
Input voltage
C1, C2
Input voltage
RESET, XIN
Output voltage C1, C2
VCC
VI
Symbol
Parameter
Conditions
Ratings
Unit
All voltages are based on VSS.
When an input voltage is measured,
output transistors are cut off.
VI
VI
VI
VI
VI
VI
VO
VO
VO
Output voltage P00–P07, P10–P15, P30–P37
Output voltage P16, P17, P20–P27, P40–P47,
P50–P57, P60–P67, P71–P77
Output voltage VL3
Output voltage VL2, SEG0–SEG17
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
At output port
At segment output
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VL2
VL1 to VL3
VL2 to 7.0
–0.3 to 7.0
–0.3 to VCC +0.3
–0.3 to 7.0
–0.3 to VCC
–0.3 to VL3
–0.3 to VCC +0.3
–0.3 to 7.0
–0.3 to VL3
–0.3 to VCC +0.3
300
–20 to 85
–40 to 125
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
High-speed mode f(XIN) = 8 MHz
Middle-speed mode f(XIN) = 8 MHz
Low-speed mode
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com