Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EDFS Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M38261EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EDFS Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M38261EDFS Datasheet HTML 70Page - Renesas Technology Corp M38261EDFS Datasheet HTML 71Page - Renesas Technology Corp M38261EDFS Datasheet HTML 72Page - Renesas Technology Corp M38261EDFS Datasheet HTML 73Page - Renesas Technology Corp M38261EDFS Datasheet HTML 74Page - Renesas Technology Corp M38261EDFS Datasheet HTML 75Page - Renesas Technology Corp M38261EDFS Datasheet HTML 76Page - Renesas Technology Corp M38261EDFS Datasheet HTML 77Page - Renesas Technology Corp M38261EDFS Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 74 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.3 Termination of unused pins
(1)
Terminate unused pins
Perform the following wiring at the shortest possible distance (20 mm or less) from microcomputer
pins.
➀Output ports
Open them.
➁Input ports
Connect each pin to VCC or VSS through each resistor of 1 kΩ to 10 kΩ.
A for pins whose potential affects to operation modes such as the INTi pin or others, select the
VCC pin or the VSS pin according to their operation mode.
➂ I/O ports
Set the I/O ports for the input mode and connect each pin to VCC or VSS through each resistor
of 1 kΩ to 10 kΩ. The port which can select a built-in pull-up resistor can also use the built-
in pull-up resistor.
When using the I/O ports as the output mode, open them at “L” or “H”.
• When opening them in the output mode, the input mode of the initial status remains until the
mode of the ports is switched over to the output mode by the program after reset. Thus, the
potential at these pins is undefined and the power source current may increase in the input
mode. With regard to an effects on the system, thoroughly perform system evaluation on the
user side.
• Since the direction register setup may be changed because of a program runaway or noise,
set direction registers by program periodically to increase the reliability of program.
(2)
Termination remarks
■ Input ports
Do not open them.
● Reason
• The power source current may increase depending on the first-stage circuit.
• An effect due to noise may be easily produced as compared with proper termination ➁
shown on the above.
■ I/0 ports setting as input mode
[1] Do not open in the input mode.
● Reason
• The power source current may increase depending on the first-stage circuit.
• An effect due to noise may be easily produced as compared with proper termination ➂
shown on the above.
[2] I/O ports :
Do not connect to VCC or VSS directly.
● Reason
If the direction register setup changes for the output mode because of a program runaway
or noise, a short circuit may occur.
[3] I/O ports :
Do not connect multiple ports in a lump to VCC or VSS through a resistor.
● Reason
If the direction register setup changes for the output mode because of a program runaway
or noise, a short circuit may occur between ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com