Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EDFS Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M38261EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EDFS Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M38261EDFS Datasheet HTML 35Page - Renesas Technology Corp M38261EDFS Datasheet HTML 36Page - Renesas Technology Corp M38261EDFS Datasheet HTML 37Page - Renesas Technology Corp M38261EDFS Datasheet HTML 38Page - Renesas Technology Corp M38261EDFS Datasheet HTML 39Page - Renesas Technology Corp M38261EDFS Datasheet HTML 40Page - Renesas Technology Corp M38261EDFS Datasheet HTML 41Page - Renesas Technology Corp M38261EDFS Datasheet HTML 42Page - Renesas Technology Corp M38261EDFS Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 39 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 40 A/D converter block diagram
Fig. 39 Read of AD conversion register
•10-bit reading
(Read address 003516, then 001416)
AD conversion high-order register
(ADH: Address 003516)
AD conversion low-order register
(ADL: Address 001416)
b0
b7
b0
b1
b7 b6 b5 b4 b3 b2
b7
b0
b9 b8 b7 b6 b5 b4 b3 b2
b7
b0
(high-order)
(low-order)
Note : Bits 0 to 5 of address 001416 become “0” at reading.
b1 b0
•8-bit reading
(Read only address 003516)
AD conversion high-order register
Conversion mode selection bit
0 : 10-bit A/D mode
1 : 8-bit A/D mode
Comparator
A/D control circuit
ADT/A/D
interrupt
request
AVSS
VRE
P60/SIN2/AN0
Data
bus
AD control register
b
7
b
0
AD conversion
high-order register
Resistor ladder
P67/AN7
P66/AN6
P65/AN5
P64/AN4
P63/SCLK22/AN3
P62/SCLK21/AN2
P61/SOUT2/AN1
P57/ADT/DA2
8
3
(Address 003516)
AD conversion
low-order register
(Address 001416)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com