Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EDFS Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M38261EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EDFS Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M38261EDFS Datasheet HTML 11Page - Renesas Technology Corp M38261EDFS Datasheet HTML 12Page - Renesas Technology Corp M38261EDFS Datasheet HTML 13Page - Renesas Technology Corp M38261EDFS Datasheet HTML 14Page - Renesas Technology Corp M38261EDFS Datasheet HTML 15Page - Renesas Technology Corp M38261EDFS Datasheet HTML 16Page - Renesas Technology Corp M38261EDFS Datasheet HTML 17Page - Renesas Technology Corp M38261EDFS Datasheet HTML 18Page - Renesas Technology Corp M38261EDFS Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 15 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 13 Structure of PULL register A and PULL register B
Pull-up Control
By setting the PULL register A (address 001616) or the PULL reg-
ister B (address 001716), ports P0 to P2, P4 to P6 can control
pull-up with a program.
However, the contents of PULL register A and PULL register B do
not affect ports set to output mode and the ports are no pulled up.
The PULL register A setting is invalid for pins selecting segment
output with the segment output enable register and the pins are
not pulled up.
P00, P01 pull-up control bit
P02, P03 pull-up control bit
P04–P07 pull-up control bit
P10–P13 pull-up control bit
P14, P15 pull-up control bit
P16, P17 pull-up control bit
P20–P23 pull-up control bit
P24–P27 pull-up control bit
PULL register A
(PULLA : address 001616)
b7
b0
P41–P43 pull-up control bit
P44–P47 pull-up control bit
P50–P53 pull-up control bit
P54–P57 pull-up control bit
P60–P63 pull-up control bit
P64–P67 pull-up control bit
Not used “0” at reading)
0 : Disable
1 : Enable
PULL register B
(PULLB : address 001716)
b7
b0
Note: The contents of PULL register A and PULL register B
do not affect ports set to output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com