Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EDFS Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M38261EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EDFS Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M38261EDFS Datasheet HTML 61Page - Renesas Technology Corp M38261EDFS Datasheet HTML 62Page - Renesas Technology Corp M38261EDFS Datasheet HTML 63Page - Renesas Technology Corp M38261EDFS Datasheet HTML 64Page - Renesas Technology Corp M38261EDFS Datasheet HTML 65Page - Renesas Technology Corp M38261EDFS Datasheet HTML 66Page - Renesas Technology Corp M38261EDFS Datasheet HTML 67Page - Renesas Technology Corp M38261EDFS Datasheet HTML 68Page - Renesas Technology Corp M38261EDFS Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 65 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
A/D CONVERTER CHARACTERISTICS
Table 21 A/D converter characteristics
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85°C, f(XIN) = 500 kHz to 8 MHz, in middle/high-speed mode unless otherwise noted)
8-bit A/D mode (when conversion mode selection bit (bit 0 of address 001416) is “1”)
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Test conditions
–
Resolution
Absolute accuracy
(excluding quantization error)
VCC = VREF = 2.7 to 5.5 V
Bits
LSB
35
150
µS
f(XIN) = 8 MHz
Conversion time
Ladder resistor
Reference power source input current
–
tCONV
RLADDER
IVREF
kΩ
µA
D/A CONVERTER CHARACTERISTICS
Table 23 D/A converter characteristics
(VCC = 2.7 to 5.5 V, VCC = VREF, VSS = AVSS = 0 V, Ta = –20 to 85°C, in middle/high-speed mode unless otherwise noted)
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Test conditions
–
Resolution
VCC = VREF = 5 V
VCC = VREF = 2.7 V
1
Bits
%
%
µs
kΩ
mA
3
2.5
8
1.0
2.0
Note: Using one D/A converter, with the value in the D/A conversion register of the other D/A converter being “0016”, and excluding currents flowing through
the A/D resistance ladder.
(Note)
Setting time
Output resistor
–
tsu
RO
4
3.2
12
50
Absolute accuracy
Analog port input current
IIA
IVREF
Reference power source input current
µA
VREF = 5 V
Table 22 A/D converter characteristics
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85°C, f(XIN) = 500 kHz to 8 MHz, in middle/high-speed mode unless otherwise noted)
10-bit A/D mode (when conversion mode selection bit (bit 0 of address 001416) is “0”)
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Test conditions
–
Resolution
Absolute accuracy
(excluding quantization error)
VCC = VREF = 2.7 to 5.5 V
Bits
LSB
35
150
10
±4
Conversion time
Ladder resistor
Reference power source input current
–
tCONV
RLADDER
IVREF
kΩ
µA
12
50
Analog port input current
IIA
µA
100
200
5.0
VREF = 5 V
Note: When the internal trigger is used in the middle-speed mode, the max. value of tCONV is 14 µS.
Note: When the internal trigger is used in the middle-speed mode, the max. value of tCONV is 17 µS.
100
200
5.0
8
±2
12.5
(Note)
µS
f(XIN) = 8 MHz
15.5
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com