Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EDFS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38261EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EDFS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38261EDFS Datasheet HTML 6Page - Renesas Technology Corp M38261EDFS Datasheet HTML 7Page - Renesas Technology Corp M38261EDFS Datasheet HTML 8Page - Renesas Technology Corp M38261EDFS Datasheet HTML 9Page - Renesas Technology Corp M38261EDFS Datasheet HTML 10Page - Renesas Technology Corp M38261EDFS Datasheet HTML 11Page - Renesas Technology Corp M38261EDFS Datasheet HTML 12Page - Renesas Technology Corp M38261EDFS Datasheet HTML 13Page - Renesas Technology Corp M38261EDFS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 10 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
[Processor status register (PS)]
The processor status register is an 8-bit register consisting of 5
flags which indicate the status of the processor after an arithmetic
operation and 3 flags which decide MCU operation. Branch opera-
tions can be performed by testing the Carry (C) flag , Zero (Z) flag,
Overflow (V) flag, or the Negative (N) flag. In decimal mode, the Z,
V, N flags are not valid.
• Bit 0: Carry flag (C)
The C flag contains a carry or borrow generated by the arith-
metic logic unit (ALU) immediately after an arithmetic operation.
It can also be changed by a shift or rotate instruction.
• Bit 1: Zero flag (Z)
The Z flag is set to “1” if the result of an immediate arithmetic op-
eration or a data transfer is “0”, and set to “0” if the result is
anything other than “0”.
• Bit 2: Interrupt disable flag (I)
The I flag disables all interrupts except for the interrupt gener-
ated by the BRK instruction.
Interrupts are disabled when the I flag is “1”.
• Bit 3: Decimal mode flag (D)
The D flag determines whether additions and subtractions are
executed in binary or decimal. Binary arithmetic is executed
when this flag is “0”; decimal arithmetic is executed when it is
“1”.
Decimal correction is automatic in decimal mode. Only the ADC
and SBC instructions can be used for decimal arithmetic.
• Bit 4: Break flag (B)
The B flag is used to indicate that the current interrupt was gen-
erated by the BRK instruction. When the BRK instruction is
generated, the B flag is set to “1” automatically. When the other
interrupts are generated, the B flag is set to “0”, and the proces-
sor status register is pushed onto the stack.
• Bit 5: Index X mode flag (T)
When the T flag is “0”, arithmetic operations are performed be-
tween accumulator and memory. When the T flag is “1”, direct
arithmetic operations and direct data transfers are enabled be-
tween memory locations.
• Bit 6: Overflow flag (V)
The V flag is used during the addition or subtraction of one byte
of signed data. It is set to “1” if the result exceeds +127 to -128.
When the BIT instruction is executed, bit 6 of the memory loca-
tion operated on by the BIT instruction is stored in the V flag.
• Bit 7: Negative flag (N)
The N flag is set to “1” if the result of an arithmetic operation or
data transfer is negative. When the BIT instruction is executed,
bit 7 of the memory location operated on by the BIT instruction is
stored in the negative flag.
Table 5 Instructions to set each bit of processor status register to “0” or “1”
Instruction setting to “1”
Instruction setting to “0”
C flag
SEC
CLC
Z flag
–
–
I flag
SEI
CLI
D flag
SED
CLD
B flag
–
–
T flag
SET
CLT
V flag
–
CLV
N flag
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com