Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD4046212RFS Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 33Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 34Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 35Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 36Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 37Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 38Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 39Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 40Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 157 page
background image
HD404629R Series
35
Stop Mode: In stop mode, all MCU operations stop and RAM data is retained. Therefore, the power
dissipation in this mode is the least of all modes. The OSC
1 and OSC2 oscillator stops. For the X1 and X2
oscillator to operate or stop can be selected by setting bit 3 of the system clock select register (SSR: $029;
operating: SSR3 = 0, stop: SSR3 = 1) (figure 27). The MCU enters stop mode if the STOP instruction is
executed in active mode when bit 3 of timer mode register A (TMA: $008) is set to 0 (TMA3 = 0) (figure
44).
Stop mode is terminated by a RESET input or a
STOPC input as shown in figure 16. RESET or STOPC
must be applied for at least one t
RC to stabilize oscillation (refer to the AC Characteristics section).
When
the MCU restarts after stop mode is cancelled, all RAM contents before entering stop mode are retained,
but the accuracy of the contents of the accumulator, B register, W register, X/SPX register, Y/SPY register,
carry flag, and serial data register cannot be guaranteed.














,







Stop mode
Oscillator
Internal
clock
STOP instruction execution
(at least equal to oscillator stabilization time tRC)
tres






RESET
STOPC
Figure 16 Timing of Stop Mode Cancellation
Watch Mode: In watch mode, the clock function (timer A) using the X1 and X2 oscillator and the LCD
function operate, but other function operations stop. Therefore, the power dissipation in this mode is the
second least to stop mode, and this mode is convenient when only clock display is used. In this mode, the
OSC
1 and OSC2 oscillator stops, but the X1 and X2 oscillator operates. The MCU enters watch mode if the
STOP instruction is executed in active mode when TMA3 = 1, or if the STOP or SBY instruction is
executed in subactive mode.
Watch mode is terminated by a RESET input or a timer-A/
INT
0 interrupt request.
For details of RESET
input, refer to the Stop Mode section. When terminated by a timer-A/
INT
0 interrupt request, the MCU
enters active mode if LSON = 0, or subactive mode if LSON = 1. After an interrupt request is generated,
the time required to enter active mode is t
RC for a timer A interrupt, and TX (where T + tRC < TX < 2T + tRC)
for an
INT
0 interrupt, as shown in figures 17 and 18.
Operation during mode transition is the same as that at standby mode cancellation (figure 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com