Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD4046212RFS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD4046212RFS Datasheet HTML 1Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 2Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 3Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 4Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 5Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 6Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 7Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 8Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 157 page
background image
HD404629R Series
2
• Four low-power dissipation modes
 Subactive mode
 Standby mode
 Watch mode
 Stop mode
• One external input for transition from stop mode to active mode
• Instruction cycle time (min.): 1 µs (f
OSC = 4 MHz)
• Operation voltage
VCC = 2.7 V to 6.0 V (HD404629R)
VCC = 2.7 V to 5.5 V (HD4074629)
• Two operating modes
 MCU mode
 MCU/PROM mode (HD4074629 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com