Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD4046212RFS Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 83Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 84Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 85Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 86Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 87Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 88Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 89Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 90Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 157 page
background image
HD404629R Series
85
Table 29 Serial Transmit Clock (Prescaler Output)
SMRB
SMRA
Bit 0
Bit 2
Bit 1
Bit 0
Prescaler Division Ratio
Transmit Clock Frequency
0000
÷ 2048
4096tcyc
1
÷ 512
1024tcyc
10
÷ 128
256tcyc
1
÷ 32
64tcyc
100
÷ 8
16tcyc
1
÷ 24t
cyc
1000
÷ 4096
8192tcyc
1
÷ 1024
2048tcyc
10
÷ 256
512tcyc
1
÷ 64
128tcyc
100
÷ 16
32tcyc
1
÷ 48t
cyc
Operating States: The serial interface has the following operating states; transitions between them are
shown in figure 71.
 STS wait state
 Transmit clock wait state
 Transfer state
 Continuous clock output state (only in internal clock mode)
• STS wait state: The serial interface enters STS wait state by MCU reset (00, 10 in figure 71). In STS
wait state, the serial interface is initialized and the transmit clock is ignored. If the STS instruction is
then executed (01, 11), the serial interface enters transmit clock wait state.
• Transmit clock wait state: Transmit clock wait state is between the STS execution and the falling edge
of the first transmit clock. In transmit clock wait state, input of the transmit clock (02, 12) increments
the octal counter, shifts the serial data register, and enters the serial interface in transfer state. However,
note that if continuous clock output mode is selected in internal clock mode, the serial interface does not
enter transfer state but enters continuous clock output state (17).
The serial interface enters STS wait state by writing data to serial mode register A (SMRA: $005) (04,
14) in transmit clock wait state.
• Transfer state: Transfer state is between the falling edge of the first clock and the rising edge of the
eighth clock. In transfer state, the input of eight clocks or the execution of the STS instruction sets the
octal counter to 000, and the serial interface enters another state. When the STS instruction is executed
(05, 15), transmit clock wait state is entered. When eight clocks are input, transmit clock wait state is
entered (03) in external clock mode, and STS wait state is entered (13) in internal clock mode. In
internal clock mode, the transmit clock stops after outputting eight clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com