Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD4046212RFS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 24Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 25Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 26Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 27Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 28Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 29Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 30Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 31Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 157 page
background image
HD404629R Series
26
Interrupt Enable Flag (IE: $000, Bit 0): Controls the entire interrupt process. It is reset by the interrupt
processing and set by the RTNI instruction, as listed in table 4.
Table 4 Interrupt Enable Flag (IE: $000, Bit 0)
IE
Interrupt
Enabled/Disabled
0
Disabled
1
Enabled
External Interrupts (
INT
0, INT1, INT2–INT4): Five external interrupt signals.
External Interrupt Request Flags (IF0–IF4: $000, $001, $022, $023): IF0 and IF1 are set at the falling
edge of signals input to
INT
0 and INT1, and IF2–IF4 are set at the rising or falling edge of signals input to
INT
2–INT4, as listed in table 5.
The INT
2–INT4 interrupt edges are selected by the detection edge select
registers (ESR1, ESR2: $026, $027) as shown in figures 12 and 13.
Table 5 External Interrupt Request Flags (IF0–IF4: $000, $001, $022, $023)
IF0–IF4
Interrupt Request
0No
1
Yes
Bit
Initial value
Read/Write
Bit name
3
0
W
ESR13
2
0
W
ESR12
0
0
W
ESR10
1
0
W
ESR11
Detection edge selection register 1 (ESR1: $026)
ESR11
0
1
ESR10
0
1
0
1
INT2 detection edge
No detection
Falling-edge detection
Rising-edge detection
Double-edge detection
ESR13
0
1
ESR12
0
1
0
1
INT3 detection edge
No detection
Falling-edge detection
Rising-edge detection
Double-edge detection
Note:
Both falling and rising edges are detected.
*
*
*
Figure 12 Detection Edge Selection Register 1 (ESR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com