Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD4046212RFS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 12Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 13Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 14Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 15Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 16Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 17Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 18Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 19Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
HD404629R Series
14
$000
$003
PMRA $004
SMRA $005
SRL $006
SRU $007
TMA $008
TMB1 $009
TRBL/TWBL $00A
TRBU/TWBU $00B
MIS $00C
TMCI $00D
TRCL/TWCL $00E
TRCU/TWCU $00F
TMDI $010
TRDL/TWDL $011
TRDU/TWDU $012
TMB2 $013
TMC2 $014
TMD2 $015
AMR $016
ADRL $017
ADRU $018
TGM $019
TGC $01A
LCR $01B
LMR $01C
LOR1 $01D
LOR2 $01E
LOR3 $01F
$020
$023
PMRB $024
PMRC $025
ESR1 $026
ESR2 $027
SMRB $028
SSR $029
DCD0 $02C
DCD1 $02D
DCD2 $02E
DCR0 $030
DCR1 $031
DCR2 $032
DCR3 $033
DCR4 $034
DCR5 $035
DCR6 $036
DCR7 $037
V $03F
Bit 3
Bit 2
Bit 1
Interrupt control bits area
Not used
Not used
R22/SI
R23/SO
Serial transmit clock speed selection
Serial data register (lower digit)
Serial data register (upper digit)
Clock source setting (timer A)
Clock source setting (timer B)
Timer B register (lower digit)
Timer B register (upper digit)
R23/SO PMOS control Interrupt frame period selection
Clock source setting (timer C)
Timer C register (lower digit)
Timer C register (upper digit)
Clock source setting (timer D)
Timer D register (lower digit)
Timer D register (upper digit)
Not used
Not used
Timer-B output mode selection
Not used
Timer-C output mode setting
Timer-D output mode setting
Not used
Analog channel selection
A/D data register (lower digit)
A/D data register (upper digit)
Not used
LCD duty cycle selection
LCD input clock source selection
R33/SEG4
R43/SEG8
Not used
R32/SEG3
R42/SEG7
R7/SEG17–20
R31/SEG2
R41/SEG6
R6/SEG13–16
R30/SEG1
R40/SEG5
R5/SEG9–12
Register flag area
R01/INT2
R20/EVND
INT2 detection edge selection
INT4 detection edge selection
INT3 detection edge selection
EVND detection edge selection
Not used
Not used
Not used
Port D3 DCR
Port D7 DCR
Not used
Port D2 DCR
Port D6 DCR
Not used
Port D1 DCR
Port D5 DCR
Port D9 DCR
Port D0 DCR
Port D4 DCR
Port D8 DCR
Not used
Port R03 DCR
Port R13 DCR
Port R23 DCR
Port R33 DCR
Port R43 DCR
Port R53 DCR
Port R63 DCR
Port R73 DCR
Port R02 DCR
Port R12 DCR
Port R22 DCR
Port R32 DCR
Port R42 DCR
Port R52 DCR
Port R62 DCR
Port R72 DCR
Port R01 DCR
Port R11 DCR
Port R21 DCR
Port R31 DCR
Port R41 DCR
Port R51 DCR
Port R61 DCR
Port R71 DCR
Port R00 DCR
Port R10 DCR
Port R20 DCR
Port R30 DCR
Port R40 DCR
Port R50 DCR
Port R60 DCR
Port R70 DCR
Not used
Not used
Not used
Bank 0 to bank 2 selection
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
R02/INT3
D10/STOPC
R03/INT4
D11/INT0
R00/INT1
R13/EVNB
R21/SCK
Bit 0
Clock select
1
*
2
*
3
*
2
*
2
*
4
*
5
*
8
*
9
*
10
*
11
*
12
*
13
*
14
*
Timer-A/time-base
Auto-reload on/off
Pull-up MOS control
Input capture selection
A/D conversion time
TONEC output control
TONER output control
Display on/off in watch mode
LCD power switch
LCD display on/off
SO idle H/L setting
Transmit clock source selection
32-kHz oscillation stop setting
32-kHz oscillation division ratio
Notes:
TONEC output frequency
TONER output frequency
DTMF enable
Not used
6
*
7
*
RAM address
Figure 5 Special Function Register Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com