Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD4046212RFS Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 14Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 15Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 16Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 17Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 18Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 19Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 20Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 21Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 157 page
background image
HD404629R Series
16
LCD Data Area ($050–$083): Used for storing 52-digit LCD data which is automatically output to LCD
segments as display data. Data 1 lights the corresponding LCD segment; data 0 extinguishes it. Refer to
the LCD description for details.
Data Area ($090–$3BF): 464 digits from $090 to $25F have three banks, which can be selected by setting
the bank register (V: $03F). Before accessing this area, set the bank register to the required value (figure
7). The area from $260 to $3BF is accessed without setting the bank register.
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
R/W
V0
1
0
R/W
V1
V1
0
1
V0
0
1
0
1
Bank area selection
Bank 0 is selected
Bank 1 is selected
Bank 2 is selected
Not Used
Note: After reset, the value in the bank register is 0, and therefore bank 0 is
selected. If V1 = 1 and V0 = 1, no bank is selected, and the operation is not
guaranteed.
Bank register (V: $03F)
Figure 7 Bank Register (V)
Stack Area ($3C0–$3FF): Used for saving the contents of the program counter (PC), status flag (ST), and
carry flag (CA) at subroutine call (CAL or CALL instruction) and for interrupts. This area can be used as a
16-level nesting subroutine stack in which one level requires four digits. The data to be saved and the save
conditions are shown in figure 6.
The program counter is restored by either the RTN or RTNI instruction, but the status and carry flags can
only be restored by the RTNI instruction. Any unused space in this area is used for data storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com