Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623SC Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 39Page - Renesas Technology Corp M30623SC Datasheet HTML 40Page - Renesas Technology Corp M30623SC Datasheet HTML 41Page - Renesas Technology Corp M30623SC Datasheet HTML 42Page - Renesas Technology Corp M30623SC Datasheet HTML 43Page - Renesas Technology Corp M30623SC Datasheet HTML 44Page - Renesas Technology Corp M30623SC Datasheet HTML 45Page - Renesas Technology Corp M30623SC Datasheet HTML 46Page - Renesas Technology Corp M30623SC Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 231 page
background image
Interrupt
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
42
Figure 1.10.3. Interrupt control registers
Symbol
Address
When reset
INTiIC(i=3)
004416
XX00X0002
SiIC/INTjIC (i=4, 3)
004816, 004916
XX00X0002
(j=5, 4)
004816, 004916
XX00X0002
INTiIC(i=0 to 2)
005D16 to 005F16
XX00X0002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
ILVL0
IR
POL
Nothing is assigned.
When write, set “0”. When read, its content is indeterminate.
Interrupt priority level
select bit
Interrupt request bit
Polarity select bit
Reserved bit
0: Interrupt not requested
1: Interrupt requested
0 : Selects falling edge
1 : Selects rising edge
Always set to “0”
ILVL1
ILVL2
Note 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
Note 2: INT3 to INT5 interrupts cannot be used. However, must set INT3IC to "0016". INT4IC
and INT5IC are shared with S3IC and S4IC respectively. When not using as S3IC and
S4IC, must set INT3IC to "0016".
Note 3: To rewrite the interrupt control register, do so at a point that dose not generate the
interrupt request for that register. For details, see the precautions for interrupts.
(Note 1)
Interrupt control register (Note 2)
b7
b6
b5
b4
b3
b2
b1
b0
Bit name
Function
Bit symbol
W
R
Symbol
Address
When reset
TBiIC(i=3 to 5)
004516 to 004716
XXXXX0002
BCNIC
004A16
XXXXX0002
DMiIC(i=0, 1)
004B16, 004C16
XXXXX0002
KUPIC
004D16
XXXXX0002
ADIC
004E16
XXXXX0002
SiTIC(i=0 to 2)
005116, 005316, 004F16
XXXXX0002
SiRIC(i=0 to 2)
005216, 005416, 005016
XXXXX0002
TAiIC(i=0 to 4)
005516 to 005916
XXXXX0002
TBiIC(i=0 to 2)
005A16 to 005C16
XXXXX0002
ILVL0
IR
Interrupt priority level
select bit
Interrupt request bit
0 : Interrupt not requested
1 : Interrupt requested
ILVL1
ILVL2
Nothing is assigned.
When write, set “0”. When read, its content is indeterminate.
(Note 1)
Note 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
Note 2: To rewrite the interrupt control register, do so at a point that dose not generate the
interrupt request for that register. For details, see the precautions for interrupts.
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com