Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623SC Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 53Page - Renesas Technology Corp M30623SC Datasheet HTML 54Page - Renesas Technology Corp M30623SC Datasheet HTML 55Page - Renesas Technology Corp M30623SC Datasheet HTML 56Page - Renesas Technology Corp M30623SC Datasheet HTML 57Page - Renesas Technology Corp M30623SC Datasheet HTML 58Page - Renesas Technology Corp M30623SC Datasheet HTML 59Page - Renesas Technology Corp M30623SC Datasheet HTML 60Page - Renesas Technology Corp M30623SC Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 231 page
background image
Watchdog Timer
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
56
Watchdog Timer
The watchdog timer has the function of detecting when the program is out of control. The watchdog timer is
a 15-bit counter which down-counts the clock derived by dividing the BCLK using the prescaler. A watchdog
timer interrupt is generated when an underflow occurs in the watchdog timer. When XIN is selected for the
BCLK
, bit 7 of the watchdog timer control register (address 000F16) selects the prescaler division ratio (by
16 or by 128). When XCIN is selected as the BCLK, the prescaler is set for division by 2 regardless of bit 7
of the watchdog timer control register (address 000F16). Thus the watchdog timer's period can be calcu-
lated as given below. The watchdog timer's period is, however, subject to an error due to the pre-scaler.
BCLK
Write to the watchdog timer
start register
(address 000E16)
RESET
Watchdog timer
interrupt request
Watchdog timer
Set to
“7FFF16”
1/128
1/16
“CM07 = 0”
“WDC7 = 1”
“CM07 = 0”
“WDC7 = 0”
“CM07 = 1”
1/2
Prescaler
For example, suppose that BCLK runs at 16 MHz and that 16 has been chosen for the dividing ratio of the
pre-scaler, then the watchdog timer's period becomes approximately 32.8 ms.
The watchdog timer is initialized by writing to the watchdog timer start register (address 000E16) and when
a watchdog timer interrupt request is generated. The prescaler is initialized only when the microcomputer is
reset. After a reset is cancelled, the watchdog timer and prescaler are both stopped. The count is started by
writing to the watchdog timer start register (address 000E16).
Figure 1.11.1 shows the block diagram of the watchdog timer. Figure 1.11.2 shows the watchdog timer-
related registers.
With XIN chosen for BCLK
Watchdog timer period =
pre-scaler dividing ratio (16 or 128) X watchdog timer count (32768)
BCLK
Figure 1.11.1. Block diagram of watchdog timer
With XCIN chosen for BCLK
Watchdog timer period =
pre-scaler dividing ratio (2) X watchdog timer count (32768)
BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com