Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623SC Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 19Page - Renesas Technology Corp M30623SC Datasheet HTML 20Page - Renesas Technology Corp M30623SC Datasheet HTML 21Page - Renesas Technology Corp M30623SC Datasheet HTML 22Page - Renesas Technology Corp M30623SC Datasheet HTML 23Page - Renesas Technology Corp M30623SC Datasheet HTML 24Page - Renesas Technology Corp M30623SC Datasheet HTML 25Page - Renesas Technology Corp M30623SC Datasheet HTML 26Page - Renesas Technology Corp M30623SC Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 231 page
background image
Processor Mode
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
22
Processor mode register 0 (Note)
Symbol
Address
When reset
PM0
000416
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Single-chip mode
0 1: Inhibited
1 0: Inhibited
1 1: Inhibited
b1 b0
PM03
PM01
PM00
Processor mode bit
Reserved bit
Software reset bit
The device is reset when this bit
is set to “1”. The value of this bit
is “0” when read.
Note: Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
Processor mode register 1 (Note 1)
Symbol
Address
When reset
PM1
000516
00000XX02
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Reserved bit
Must always be set to “0”
0
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new values to
this register.
Note 2: Be sure to set this bit to 0 except products whose RAM size and ROM size exceed
15K bytes and 192K bytes respectively.
In using M30625MG/FG, a product having a RAM of more than 15K bytes and a
ROM of more than 192K bytes, set this bit to 1 at the beginning of user program.
Specify D000016 or a subsequent address, which becomes an internal ROM area
if PM13 is set to 0 at the time reset is revoked, for the reset vector table of user
program.
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
0
Internal reserved area
expansion bit (Note 2)
PM13
0: The same internal reserved
area as that of M16C/60 and
M16C/61 group
1: Expands the internal RAM area
and internal ROM area to 23 K
bytes and to 256K bytes
respectively. (Note 2)
Must always be set to “0”
Reserved bit
Must always be set to “0”
Reserved bit
Must always be set to “0”
00
00
0
0
0
Figure 1.8.1. Processor mode register 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com