Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623SC Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 66Page - Renesas Technology Corp M30623SC Datasheet HTML 67Page - Renesas Technology Corp M30623SC Datasheet HTML 68Page - Renesas Technology Corp M30623SC Datasheet HTML 69Page - Renesas Technology Corp M30623SC Datasheet HTML 70Page - Renesas Technology Corp M30623SC Datasheet HTML 71Page - Renesas Technology Corp M30623SC Datasheet HTML 72Page - Renesas Technology Corp M30623SC Datasheet HTML 73Page - Renesas Technology Corp M30623SC Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer
69
Figure 1.13.2. Timer B block diagram
• Event counter mode
• Event counter mode
• Event counter mode
• Timer mode
• Pulse width measuring mode
• Timer mode
• Timer mode
• Pulse width measuring mode
TB0IN
TB2IN
Timer B0
Timer B1
Timer B2
f1 f8 f32 fC32
Timer B0 interrupt
Noise
filter
Noise
filter
1/32
fC32
1/8
1/4
f1
f8
f32
XIN
XCIN
Clock prescaler reset flag (bit 7
at address 038116) set to “1”
Reset
Clock prescaler
Timer A
• Event counter mode
• Event counter mode
• Event counter mode
• Timer mode
• Pulse width measuring mode
• Timer mode
• Pulse width measuring mode
• Timer mode
• Pulse width measuring mode
TB3IN
TB4IN
TB5IN
Timer B3
Timer B4
Timer B5
Timer B3 interrupt
Noise
filter
Noise
filter
Noise
filter
Timer B1 interrupt
Timer B2 interrupt
Timer B4 interrupt
Timer B5 interrupt
Note 1: The TB5IN pin (P71) is shared with RxD2, SCL and the TA0IN pin, so be careful.
Note 2: TB1IN pin is not connect to outside. Thus, timer B1 can use neither in external event count mode or
pulse width measurement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com