Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623SC Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 82Page - Renesas Technology Corp M30623SC Datasheet HTML 83Page - Renesas Technology Corp M30623SC Datasheet HTML 84Page - Renesas Technology Corp M30623SC Datasheet HTML 85Page - Renesas Technology Corp M30623SC Datasheet HTML 86Page - Renesas Technology Corp M30623SC Datasheet HTML 87Page - Renesas Technology Corp M30623SC Datasheet HTML 88Page - Renesas Technology Corp M30623SC Datasheet HTML 89Page - Renesas Technology Corp M30623SC Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer B
85
Figure 1.13.21. Operation timing when measuring a pulse width
Measurement pulse
“H”
Count source
Count start flag
Timer Bi interrupt
request bit
Timing at which counter
reaches “000016”
“1”
“1”
Transfer
(measured value)
Transfer
(measured value)
“L”
“0”
“0”
Timer Bi overflow flag
“1”
“0”
Note 1: Counter is initialized at completion of measurement.
Note 2: Timer has overflowed.
(Note 1)
(Note 1)
(Note 1)
Transfer
(measured
value)
(Note 1)
Cleared to “0” when interrupt request is accepted, or cleared by software.
(Note 2)
Transfer
(indeterminate
value)
Reload register
counter
transfer timing
Figure 1.13.20. Operation timing when measuring a pulse period
Count source
Measurement pulse
Count start flag
Timer Bi interrupt
request bit
Timing at which counter
reaches “000016”
“H”
“1”
Transfer
(indeterminate value)
“L”
“0”
“0”
Timer Bi overflow flag
“1”
“0”
Note 1: Counter is initialized at completion of measurement.
Note 2: Timer has overflowed.
(Note 1)
(Note 1)
When measuring measurement pulse time interval from falling edge to falling edge
(Note 2)
Cleared to “0” when interrupt request is accepted, or cleared by software.
Transfer
(measured value)
“1”
Reload register
counter
transfer timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com