Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623SC Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 16Page - Renesas Technology Corp M30623SC Datasheet HTML 17Page - Renesas Technology Corp M30623SC Datasheet HTML 18Page - Renesas Technology Corp M30623SC Datasheet HTML 19Page - Renesas Technology Corp M30623SC Datasheet HTML 20Page - Renesas Technology Corp M30623SC Datasheet HTML 21Page - Renesas Technology Corp M30623SC Datasheet HTML 22Page - Renesas Technology Corp M30623SC Datasheet HTML 23Page - Renesas Technology Corp M30623SC Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
SFR
19
Figure 1.7.2. Location of peripheral unit control registers (2)
038016
038116
038216
038316
038416
038516
038616
038716
038816
038916
038A16
038B16
038C16
038D16
038E16
038F16
039016
039116
039216
039316
039416
039516
039616
039716
039816
039916
039A16
039B16
039C16
039D16
039E16
039F16
03A016
03A116
03A216
03A316
03A416
03A516
03A616
03A716
03A816
03A916
03AA16
03AB16
03AC16
03AD16
03AE16
03AF16
03B016
03B116
03B216
03B316
03B416
03B516
03B616
03B716
03B816
03B916
03BA16
03BB16
03BC16
03BD16
03BE16
03BF16
034016
034116
034216
034316
034416
034516
034616
034716
034816
034916
034A16
034B16
034C16
034D16
034E16
034F16
035016
035116
035216
035316
035416
035516
035616
035716
035816
035916
035A16
035B16
035C16
035D16
035E16
035F16
036016
036116
036216
036316
036416
036516
036616
036716
036816
036916
036A16
036B16
036C16
036D16
036E16
036F16
037016
037116
037216
037316
037416
037516
037616
037716
037816
037916
037A16
037B16
037C16
037D16
037E16
037F16
Timer A1-1 register (TA11)
Timer A2-1 register (TA21)
Dead time timer(DTT)
Timer B2 interrupt occurrence frequency set counter(ICTB2)
Three-phase PWM control register 0(INVC0)
Three-phase PWM control register 1(INVC1)
Thrree-phase output buffer register 0(IDB0)
Thrree-phase output buffer register 1(IDB1)
Timer B3 register (TB3)
Timer B4 register (TB4)
Timer B5 register (TB5)
Timer B3, 4, 5 count start flag (TBSR)
Timer B3 mode register (TB3MR)
Timer B4 mode register (TB4MR)
Timer B5 mode register (TB5MR)
Interrupt cause select register (IFSR)
Timer A0 (TA0)
Timer A1 (TA1)
Timer A2 (TA2)
Timer B0 (TB0)
Timer B1 (TB1)
Timer B2 (TB2)
Count start flag (TABSR)
One-shot start flag (ONSF)
Timer A0 mode register (TA0MR)
Timer A1 mode register (TA1MR)
Timer A2 mode register (TA2MR)
Timer B0 mode register (TB0MR)
Timer B1 mode register (TB1MR)
Timer B2 mode register (TB2MR)
Up-down flag (UDF)
Timer A3 (TA3)
Timer A4 (TA4)
Timer A3 mode register (TA3MR)
Timer A4 mode register (TA4MR)
Trigger select register (TRGSR)
Clock prescaler reset flag (CPSRF)
UART0 transmit/receive mode register (U0MR)
UART0 transmit buffer register (U0TB)
UART0 receive buffer register (U0RB)
UART1 transmit/receive mode register (U1MR)
UART1 transmit buffer register (U1TB)
UART1 receive buffer register (U1RB)
UART0 bit rate generator (U0BRG)
UART0 transmit/receive control register 0 (U0C0)
UART0 transmit/receive control register 1 (U0C1)
UART1 bit rate generator (U1BRG)
UART1 transmit/receive control register 0 (U1C0)
UART1 transmit/receive control register 1 (U1C1)
DMA1 request cause select register (DM1SL)
DMA0 request cause select register (DM0SL)
CRC data register (CRCD)
CRC input register (CRCIN)
SI/O3 transmit/receive register (S3TRR)
SI/O4 transmit/receive register (S4TRR)
SI/O3 control register (S3C)
SI/O3 bit rate generator (S3BRG)
SI/O4 bit rate generator (S4BRG)
SI/O4 control register (S4C)
UART2 special mode register (U2SMR)
UART2 receive buffer register (U2RB)
UART2 transmit buffer register (U2TB)
UART2 transmit/receive control register 0 (U2C0)
UART2 transmit/receive mode register (U2MR)
UART2 transmit/receive control register 1 (U2C1)
UART2 bit rate generator (U2BRG)
UART transmit/receive control register 2 (UCON)
Timer A4-1 register (TA41)
UART2 special mode register 2(U2SMR2) (Note1)
Note 1 : This register is not exist in M30623EC.
Note 2 : This register is only exist in flash memory version
.
Note 3 : Locations in the SFR area where nothing is allocated are reserved areas. Do not access these areas for read or write.
Flash memory control register 0 (FMR0) (Note2)
Flash memory control register 1 (FMR1) (Note2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com