Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623SC Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M30623SC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 76Page - Renesas Technology Corp M30623SC Datasheet HTML 77Page - Renesas Technology Corp M30623SC Datasheet HTML 78Page - Renesas Technology Corp M30623SC Datasheet HTML 79Page - Renesas Technology Corp M30623SC Datasheet HTML 80Page - Renesas Technology Corp M30623SC Datasheet HTML 81Page - Renesas Technology Corp M30623SC Datasheet HTML 82Page - Renesas Technology Corp M30623SC Datasheet HTML 83Page - Renesas Technology Corp M30623SC Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
79
1 / fi X (2
– 1)
16
Count source
TAiIN pin
input signal
PWM pulse output
from TAiOUT pin
Condition : Reload register = 000316, when external trigger
(rising edge of TAiIN pin input signal) is selected
Trigger is not generated by this signal
“H”
“H”
“L”
“L”
Timer Ai interrupt
request bit
“1”
“0”
Cleared to “0” when interrupt request is accepted, or cleared by software
fi : Frequency of count source
(f1, f8, f32, fC32)
Note 1: n = 000016 to FFFE16.
Note 2: Timer A1 and A2 do not have I/O port (TAiIN and TAiOUT).
1 / fi X n
Count source (Note1)
TAiIN pin input signal
Underflow signal of
8-bit prescaler (Note2)
PWM pulse output
from TAiOUT pin
“H”
“H”
“H”
“L”
“L”
“L”
“1”
“0”
Timer Ai interrupt
request bit
Cleared to “0” when interrupt request is accepted, or cleaerd by software
fi : Frequency of count source
(f1, f8, f32, fC32)
Note 1: The 8-bit prescaler counts the count source.
Note 2: The 8-bit pulse width modulator counts the 8-bit prescaler's underflow signal.
Note 3: m = 0016 to FE16; n = 0016 to FE16.
Note 4: Timer A1 and A2 do not have I/O port (TAiIN and TAiOUT).
Condition : Reload register high-order 8 bits = 0216
Reload register low-order 8 bits = 0216
External trigger (falling edge of TAiIN pin input signal) is selected
1 / fi X (m + 1) X (2 – 1)
8
1 / fi X (m + 1) X n
1 / fi X (m + 1)
Figure 1.13.12. Example of how a 16-bit pulse width modulator operates
Figure 1.13.13. Example of how an 8-bit pulse width modulator operates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com