Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSG2001 Datasheet HTML 1Page - Renesas Technology Corp HSG2001 Datasheet HTML 2Page - Renesas Technology Corp HSG2001 Datasheet HTML 3Page - Renesas Technology Corp HSG2001 Datasheet HTML 4Page - Renesas Technology Corp HSG2001 Datasheet HTML 5Page - Renesas Technology Corp HSG2001 Datasheet HTML 6Page - Renesas Technology Corp HSG2001 Datasheet HTML 7Page - Renesas Technology Corp HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 4 of 24
-20
0
20
3rd. Order Intercept Point (IP3)
Input Power
Pin (dBm)
-30
10
-50
-20
0
20
30
0
20406080
100
0
5
10
15
20
25
Collector Current
IC (mA)
Maximum Available Gain, Maximum Stable Gain
vs. Collector Current
VCE = 3 V
f = 1GHz
1.8 GHz
VCE = 3 V
Icq = 40 mA
f = 1.8GHz
-40
2.5
2.0
1.5
1.0
0.5
0
15
510
20
25
35
VCE = 3 V
Collector Current
IC (mA)
Noise Figure vs. Collector Current
IMD3
(2tone:
∆f=1MHz)
-30
-10
10
-40
-10
2.4GHz
2GHz
3GHz
4GHz
f = 2.4 GHz
f = 1.8 GHz
25
20
15
10
5
0
1
2
5
10
20
50
100
f = 1 GHz
VCE = 3 V
2 V
1 V
Collector Current
IC (mA)
Transition Frequency vs.
Collector Current
50
40
30
20
10
0
0.1
0.2
0.5
1
2
5
10
VCE = 3 V
IC = 40 mA
MAG
MSG
Frequency
f (GHz)
S21 Parameter, Maximum Available Gain,
Maximum Stable Gain vs. Frequency
|S21|2
Fundamental
(1tone)
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com