Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 17Page - Renesas Technology Corp HSG2001 Datasheet HTML 18Page - Renesas Technology Corp HSG2001 Datasheet HTML 19Page - Renesas Technology Corp HSG2001 Datasheet HTML 20Page - Renesas Technology Corp HSG2001 Datasheet HTML 21Page - Renesas Technology Corp HSG2001 Datasheet HTML 22Page - Renesas Technology Corp HSG2001 Datasheet HTML 23Page - Renesas Technology Corp HSG2001 Datasheet HTML 24Page - Renesas Technology Corp HSG2001 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 22 of 24
S parameter
(VCE = 4 V, IC = 30 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.600
-83.3
52.11
138.7
0.0144
70.8
0.747
-55.2
200
0.640
-123.1
35.64
116.7
0.0257
41.7
0.557
-87.4
300
0.653
-143.0
25.62
105.2
0.0286
42.6
0.466
-108.6
400
0.664
-154.7
19.67
97.7
0.0321
42.2
0.419
-123.3
500
0.667
-162.5
15.84
92.6
0.0332
43.3
0.392
-134.6
600
0.669
-168.5
13.15
88.6
0.0362
44.3
0.379
-143.2
700
0.672
-173.3
11.23
85.3
0.0396
45.5
0.368
-150.0
800
0.675
-177.3
9.78
82.5
0.0424
45.9
0.366
-155.8
900
0.676
179.2
8.64
80.0
0.0459
47.9
0.362
-160.7
1000
0.679
176.0
7.75
77.9
0.0479
47.0
0.361
-164.9
1100
0.681
173.2
7.01
75.7
0.0523
48.8
0.360
-168.8
1200
0.684
170.5
6.40
73.8
0.0549
48.6
0.359
-172.5
1300
0.685
168.1
5.89
71.8
0.0578
48.6
0.361
-175.5
1400
0.688
165.9
5.45
70.0
0.0616
48.6
0.362
-178.4
1500
0.689
163.6
5.07
68.3
0.0644
49.0
0.364
179.0
1600
0.693
161.4
4.74
66.5
0.0673
48.6
0.365
176.5
1700
0.695
159.4
4.45
64.9
0.0700
48.4
0.367
174.4
1800
0.699
157.6
4.20
63.1
0.0735
48.3
0.369
172.2
1900
0.701
155.7
3.96
61.4
0.0764
47.8
0.371
170.2
2000
0.704
153.8
3.76
59.8
0.0800
47.4
0.374
168.0
2100
0.706
151.9
3.57
58.2
0.0829
47.0
0.377
166.2
2200
0.710
150.3
3.40
56.6
0.0860
46.4
0.380
164.4
2300
0.714
148.6
3.25
55.1
0.0888
45.6
0.383
162.9
2400
0.715
147.0
3.11
53.4
0.0913
45.7
0.386
161.3
2500
0.718
145.3
2.97
52.0
0.0953
44.3
0.389
159.9
2600
0.722
143.7
2.86
50.4
0.0972
44.2
0.391
158.0
2700
0.725
142.2
2.74
48.9
0.1001
43.4
0.394
156.6
2800
0.730
140.6
2.65
47.3
0.1042
42.6
0.398
155.0
2900
0.730
139.2
2.54
45.8
0.1045
41.5
0.403
153.4
3000
0.733
137.8
2.45
44.3
0.1080
41.4
0.406
152.2
3100
0.737
136.4
2.37
42.9
0.1104
40.4
0.410
151.0
3200
0.740
135.0
2.29
41.3
0.1140
39.7
0.414
149.8
3300
0.744
133.6
2.21
39.9
0.1162
38.9
0.417
148.4
3400
0.747
132.0
2.15
38.4
0.1183
38.2
0.420
146.9
3500
0.748
130.9
2.08
37.0
0.1202
37.4
0.422
145.7
3600
0.750
129.3
2.01
35.5
0.1222
36.8
0.426
144.2
3700
0.751
128.2
1.95
34.3
0.1254
36.2
0.428
143.0
3800
0.752
127.0
1.90
33.0
0.1284
35.8
0.432
142.0
3900
0.756
125.9
1.85
31.6
0.1311
35.1
0.434
141.0
4000
0.758
124.7
1.80
30.2
0.1337
34.0
0.438
140.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com