Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 9Page - Renesas Technology Corp HSG2001 Datasheet HTML 10Page - Renesas Technology Corp HSG2001 Datasheet HTML 11Page - Renesas Technology Corp HSG2001 Datasheet HTML 12Page - Renesas Technology Corp HSG2001 Datasheet HTML 13Page - Renesas Technology Corp HSG2001 Datasheet HTML 14Page - Renesas Technology Corp HSG2001 Datasheet HTML 15Page - Renesas Technology Corp HSG2001 Datasheet HTML 16Page - Renesas Technology Corp HSG2001 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 13 of 24
S parameter
(VCE = 3 V, IC = 10 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.813
-43.6
26.20
153.3
0.0243
78.8
0.914
-30.8
200
0.779
-79.2
22.18
133.6
0.0409
51.3
0.754
-53.9
300
0.746
-105.1
18.02
119.5
0.0508
41.3
0.625
-71.4
400
0.731
-123.4
14.78
109.4
0.0546
35.9
0.527
-85.0
500
0.723
-136.3
12.32
102.1
0.0568
32.0
0.457
-96.0
600
0.715
-146.1
10.44
96.4
0.0594
30.1
0.410
-105.5
700
0.711
-153.8
9.03
91.7
0.0618
29.2
0.373
-113.5
800
0.709
-160.3
7.93
87.8
0.0633
27.6
0.350
-120.8
900
0.708
-165.5
7.05
84.4
0.0650
27.2
0.330
-127.4
1000
0.708
-170.3
6.34
81.5
0.0672
26.8
0.316
-133.0
1100
0.709
-174.3
5.75
78.6
0.0678
27.1
0.304
-138.5
1200
0.710
-178.1
5.26
76.1
0.0694
26.5
0.296
-143.5
1300
0.710
178.6
4.84
73.6
0.0703
27.0
0.290
-148.2
1400
0.712
175.5
4.49
71.4
0.0720
27.2
0.285
-152.5
1500
0.713
172.6
4.18
69.2
0.0737
27.5
0.283
-156.3
1600
0.715
169.7
3.91
67.1
0.0748
28.2
0.281
-160.0
1700
0.717
167.3
3.67
65.1
0.0761
27.4
0.280
-163.2
1800
0.720
165.0
3.46
63.0
0.0779
27.9
0.279
-166.3
1900
0.722
162.6
3.27
61.0
0.0794
28.3
0.280
-169.3
2000
0.725
160.3
3.10
59.1
0.0818
28.2
0.280
-172.3
2100
0.727
158.1
2.95
57.2
0.0830
28.1
0.281
-175.0
2200
0.731
156.1
2.81
55.4
0.0847
28.7
0.284
-177.6
2300
0.735
154.1
2.68
53.6
0.0862
28.4
0.286
-179.6
2400
0.735
152.3
2.56
51.7
0.0873
28.7
0.289
178.3
2500
0.738
150.3
2.45
50.0
0.0899
29.1
0.291
176.1
2600
0.742
148.5
2.36
48.2
0.0907
28.3
0.293
174.0
2700
0.746
146.9
2.26
46.5
0.0929
28.5
0.295
172.1
2800
0.750
145.0
2.18
44.7
0.0952
28.4
0.299
170.1
2900
0.751
143.4
2.09
43.0
0.0962
27.9
0.303
168.0
3000
0.753
141.8
2.02
41.3
0.0978
28.0
0.307
166.5
3100
0.757
140.2
1.95
39.7
0.0995
27.9
0.312
165.0
3200
0.760
138.7
1.89
37.9
0.1019
27.5
0.315
163.5
3300
0.763
137.1
1.82
36.3
0.1035
27.3
0.318
161.9
3400
0.766
135.5
1.77
34.7
0.1048
27.4
0.322
160.2
3500
0.768
134.1
1.71
33.2
0.1059
27.1
0.325
158.7
3600
0.769
132.6
1.66
31.5
0.1076
26.7
0.329
156.9
3700
0.771
131.4
1.61
30.1
0.1094
26.9
0.332
155.6
3800
0.771
130.0
1.56
28.6
0.1119
27.2
0.336
154.5
3900
0.776
128.9
1.52
27.1
0.1141
26.6
0.340
153.5
4000
0.778
127.6
1.48
25.6
0.1160
26.3
0.345
152.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com