Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSG2001 Datasheet HTML 1Page - Renesas Technology Corp HSG2001 Datasheet HTML 2Page - Renesas Technology Corp HSG2001 Datasheet HTML 3Page - Renesas Technology Corp HSG2001 Datasheet HTML 4Page - Renesas Technology Corp HSG2001 Datasheet HTML 5Page - Renesas Technology Corp HSG2001 Datasheet HTML 6Page - Renesas Technology Corp HSG2001 Datasheet HTML 7Page - Renesas Technology Corp HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 2 of 24
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
DC current transfer ratio
hFE
100
150
200
VCE = 2 V, IC = 50 mA
Collector output capacitance
Cob
0.95
1.2
pF
VCB = 2 V, IE = 0, f = 1 MHz
Reverse Transfer
Capacitance
Cre
0.5
pF
VCB = 2 V, IE = 0, f = 1 MHz
emitter grounded
Transition Frequency
fT
21
GHz
VCE = 3 V, IC = 60 mA, f = 1 GHz
Transition Frequency
fT
15
18
GHz
VCE = 3 V, IC = 40 mA, f = 1 GHz
Maximum Available Gain
MAG
15
dB
VCE = 3 V, IC = 40 mA, f = 1.8 GHz,
Power Gain
PG
10
12
dB
VCE = 3 V, ICq = 40 mA, f = 1.8 GHz,
Pin=+7dBm
Noise Figure
NF
0.9
dB
VCE = 3 V, IC =10 mA, f = 1.8 GHz
Noise Figure
NF
1.1
dB
VCE = 3 V, IC =10 mA, f = 2.4 GHz
1dB Compression Point at
output
P1dB
+19
dBm
VCE = 3 V, ICq = 40 mA, f = 1.8 GHz
1dB Compression Point at
output
P1dB
+20
dBm
VCE = 3.6 V, ICq = 40 mA,
f = 2.4 GHz
Third Order Intercept Point at
output
OIP3
+30
dBm
VCE = 3 V, ICq = 40 mA,
f = 1.8 GHz,
∆f = 1 MHz
Third Order Intercept Point at
output
OIP3
+31
dBm
VCE = 3.6 V, ICq = 40 mA,
f = 2.4 GHz,
∆f = 1 MHz
Saturation Output Power
Po(sat)
+23
dBm
VCE = 3 V, ICq = 40 mA
f = 1.8 GHz, Pin = +18 dBm
Saturation Output Power
Po(sat)
+23
dBm
VCE = 3.6 V, ICq = 40 mA
f = 2.4 GHz, Pin = +18 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com