Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 7Page - Renesas Technology Corp HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp HSG2001 Datasheet HTML 10Page - Renesas Technology Corp HSG2001 Datasheet HTML 11Page - Renesas Technology Corp HSG2001 Datasheet HTML 12Page - Renesas Technology Corp HSG2001 Datasheet HTML 13Page - Renesas Technology Corp HSG2001 Datasheet HTML 14Page - Renesas Technology Corp HSG2001 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 11 of 24
S parameter
(VCE = 2 V, IC = 40 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.604
-104.5
57.90
130.3
0.0147
73.4
0.728
-72.0
200
0.656
-139.3
36.17
109.5
0.0215
44.1
0.546
-106.9
300
0.668
-154.9
25.16
99.7
0.0241
47.4
0.478
-127.4
400
0.677
-163.8
19.03
93.5
0.0276
44.0
0.451
-140.5
500
0.681
-169.9
15.22
89.1
0.0305
47.8
0.437
-149.8
600
0.684
-174.8
12.60
85.7
0.0340
49.5
0.432
-156.8
700
0.686
-178.6
10.74
82.8
0.0379
51.2
0.428
-162.5
800
0.689
178.0
9.34
80.4
0.0413
50.7
0.428
-167.1
900
0.691
175.1
8.25
78.2
0.0449
52.4
0.428
-171.0
1000
0.693
172.3
7.40
76.2
0.0483
52.5
0.428
-174.5
1100
0.696
169.8
6.69
74.2
0.0522
53.1
0.429
-177.8
1200
0.698
167.5
6.11
72.3
0.0556
52.9
0.430
179.2
1300
0.699
165.3
5.62
70.5
0.0596
52.8
0.432
176.6
1400
0.702
163.2
5.20
68.8
0.0630
52.6
0.434
174.2
1500
0.704
161.2
4.84
67.1
0.0656
52.2
0.437
171.9
1600
0.707
159.1
4.53
65.4
0.0700
52.1
0.439
169.7
1700
0.709
157.3
4.25
63.8
0.0731
51.5
0.442
167.8
1800
0.712
155.6
4.00
62.1
0.0764
50.9
0.445
165.8
1900
0.714
153.8
3.78
60.4
0.0798
50.6
0.447
164.0
2000
0.717
152.0
3.59
58.8
0.0834
49.6
0.450
162.0
2100
0.720
150.2
3.41
57.3
0.0866
49.2
0.453
160.2
2200
0.724
148.7
3.24
55.7
0.0907
48.2
0.456
158.6
2300
0.727
147.0
3.10
54.2
0.0934
47.4
0.460
157.2
2400
0.728
145.5
2.96
52.5
0.0957
46.9
0.463
155.6
2500
0.730
143.8
2.83
51.1
0.1013
46.2
0.466
154.2
2600
0.734
142.3
2.72
49.5
0.1027
45.1
0.469
152.5
2700
0.739
140.9
2.61
48.0
0.1055
44.3
0.471
151.1
2800
0.742
139.4
2.52
46.4
0.1089
43.7
0.476
149.6
2900
0.744
138.1
2.42
45.0
0.1110
41.9
0.481
148.0
3000
0.745
136.6
2.34
43.5
0.1141
41.7
0.485
146.8
3100
0.750
135.2
2.26
42.1
0.1168
41.0
0.488
145.6
3200
0.752
133.8
2.18
40.5
0.1202
39.8
0.492
144.3
3300
0.756
132.5
2.11
39.1
0.1222
39.1
0.495
142.9
3400
0.759
131.0
2.04
37.6
0.1248
38.4
0.498
141.4
3500
0.760
129.8
1.98
36.3
0.1264
37.1
0.500
140.2
3600
0.761
128.4
1.91
34.7
0.1289
36.3
0.504
138.7
3700
0.763
127.3
1.86
33.6
0.1321
35.9
0.507
137.5
3800
0.763
126.0
1.80
32.2
0.1357
35.3
0.510
136.4
3900
0.768
125.0
1.76
30.9
0.1382
34.2
0.512
135.4
4000
0.769
123.8
1.71
29.5
0.1407
33.3
0.516
134.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com