Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 4Page - Renesas Technology Corp HSG2001 Datasheet HTML 5Page - Renesas Technology Corp HSG2001 Datasheet HTML 6Page - Renesas Technology Corp HSG2001 Datasheet HTML 7Page - Renesas Technology Corp HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp HSG2001 Datasheet HTML 10Page - Renesas Technology Corp HSG2001 Datasheet HTML 11Page - Renesas Technology Corp HSG2001 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 8 of 24
S parameter
(VCE = 2 V, IC = 10 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.810
-45.2
26.15
152.2
0.0281
70.6
0.911
-32.6
200
0.778
-82.0
21.88
132.2
0.0428
49.1
0.745
-57.6
300
0.744
-108.1
17.60
118.1
0.0525
40.0
0.615
-76.1
400
0.733
-126.0
14.33
108.2
0.0565
34.8
0.520
-90.2
500
0.725
-138.6
11.90
101.0
0.0586
31.5
0.457
-101.9
600
0.718
-148.1
10.06
95.5
0.0608
29.1
0.412
-111.7
700
0.715
-155.6
8.69
90.9
0.0633
28.7
0.380
-119.8
800
0.714
-161.9
7.62
87.1
0.0651
26.6
0.359
-127.2
900
0.712
-167.0
6.77
83.8
0.0659
27.2
0.342
-133.7
1000
0.712
-171.4
6.09
80.9
0.0689
25.4
0.330
-139.5
1100
0.714
-175.5
5.53
78.1
0.0691
26.8
0.321
-144.7
1200
0.714
-179.1
5.06
75.6
0.0712
26.8
0.313
-149.6
1300
0.715
177.7
4.65
73.2
0.0722
26.2
0.309
-154.0
1400
0.717
174.6
4.31
70.9
0.0739
26.9
0.306
-158.0
1500
0.718
171.8
4.02
68.8
0.0744
27.2
0.304
-161.8
1600
0.721
169.0
3.76
66.7
0.0766
27.6
0.303
-165.2
1700
0.722
166.6
3.53
64.7
0.0783
26.9
0.303
-168.3
1800
0.726
164.3
3.33
62.6
0.0798
27.4
0.303
-171.2
1900
0.727
161.9
3.15
60.6
0.0812
27.6
0.304
-174.0
2000
0.730
159.8
2.98
58.7
0.0828
27.9
0.306
-176.9
2100
0.733
157.5
2.84
56.8
0.0849
27.9
0.308
-179.3
2200
0.736
155.6
2.70
55.0
0.0874
28.2
0.311
178.1
2300
0.739
153.6
2.58
53.2
0.0880
27.7
0.313
176.3
2400
0.741
151.8
2.47
51.2
0.0894
28.3
0.315
174.2
2500
0.743
149.9
2.36
49.5
0.0930
28.0
0.318
172.3
2600
0.748
148.0
2.27
47.7
0.0934
27.8
0.321
170.1
2700
0.751
146.4
2.18
46.0
0.0952
27.9
0.324
168.5
2800
0.755
144.6
2.10
44.2
0.0976
27.8
0.328
166.4
2900
0.755
143.0
2.02
42.6
0.0983
27.0
0.332
164.5
3000
0.757
141.4
1.95
40.8
0.1000
27.2
0.337
163.0
3100
0.762
139.9
1.88
39.2
0.1016
27.4
0.341
161.7
3200
0.765
138.3
1.82
37.5
0.1044
26.8
0.345
160.1
3300
0.768
136.7
1.76
35.8
0.1061
26.8
0.349
158.6
3400
0.770
135.2
1.70
34.2
0.1069
26.6
0.352
156.9
3500
0.773
133.8
1.65
32.7
0.1084
26.2
0.355
155.4
3600
0.773
132.3
1.60
30.9
0.1100
25.8
0.360
153.8
3700
0.775
131.1
1.55
29.6
0.1125
25.9
0.363
152.4
3800
0.776
129.7
1.51
28.1
0.1147
26.0
0.367
151.4
3900
0.781
128.5
1.47
26.6
0.1166
25.6
0.371
150.3
4000
0.783
127.2
1.43
25.1
0.1192
25.0
0.377
149.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com