Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSG2001 Datasheet HTML 1Page - Renesas Technology Corp HSG2001 Datasheet HTML 2Page - Renesas Technology Corp HSG2001 Datasheet HTML 3Page - Renesas Technology Corp HSG2001 Datasheet HTML 4Page - Renesas Technology Corp HSG2001 Datasheet HTML 5Page - Renesas Technology Corp HSG2001 Datasheet HTML 6Page - Renesas Technology Corp HSG2001 Datasheet HTML 7Page - Renesas Technology Corp HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev.2.00, Apr.20.2004, page 1 of 24
HSG2001
SiGe NPN Epitaxial
High Frequency Medium Power Amplifier
REJ03G0168-0200Z
Rev.2.00
Apr.20.2004
Features
• High Transition Frequency
fT = 20 GHz typ.
• Low Distortion and Excellent Linearity
IP3 at output = +30 dBm typ., P1dB at output = +19 dBm typ. f = 1.8 GHz
• High Collector to Emitter Voltage
VCEO = 5 V
• Ideal for 2 GHz Band applications. e.g 2.4 GHz WLAN, Digital cordless phone.
Outline
CMPAK-4
1. Emitter
2. Collector
3. Emitter
4. Base
1
4
3
2
Note:
Marking is “VF-”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
13
V
Collector to emitter voltage
VCEO
5V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
100
mA
Collector power dissipation
Pc
450
Note
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
Value on PCB ( FR-4 : 20 x 20 x 1.0mm Double side )


Similar Part No. - HSG2001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
SiGe HBT High Frequency Medium Power Amplifier
HSG2002TB-E RENESAS-HSG2002TB-E Datasheet
357Kb / 25P
SiGe HBT High Frequency Medium Power Amplifier
HSG2004 RENESAS-HSG2004 Datasheet
247Kb / 13P
SiGe HBT High Frequency Medium Power Amplifier
HSG2004TB-E RENESAS-HSG2004TB-E Datasheet
247Kb / 13P
SiGe HBT High Frequency Medium Power Amplifier
HSG2005 RENESAS-HSG2005 Datasheet
254Kb / 13P
SiGe HBT High Frequency Medium Power Amplifier
More results

Similar Description - HSG2001

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD525 WINGS-2SD525 Datasheet
69Kb / 1P
LOW FREQUENCY POWER AMPLIFIER(NPN EPITAXIAL)
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
Silicon NPN Epitaxial High Frequency Medium Power Amplifier
logo
California Eastern Labs
NESG2031M05 CEL-NESG2031M05 Datasheet
790Kb / 13P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
SiGe MMIC High Frequency Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
Renesas Technology Corp
2SC5945 RENESAS-2SC5945 Datasheet
274Kb / 36P
Si NPN Epitaxial High Frequency Medium Power Amplifier
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
SiGe HBT High Frequency Medium Power Amplifier
HSG2004 RENESAS-HSG2004 Datasheet
247Kb / 13P
SiGe HBT High Frequency Medium Power Amplifier
HSG2005 RENESAS-HSG2005 Datasheet
254Kb / 13P
SiGe HBT High Frequency Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com