Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35053 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M35053 Datasheet HTML 7Page - Renesas Technology Corp M35053 Datasheet HTML 8Page - Renesas Technology Corp M35053 Datasheet HTML 9Page - Renesas Technology Corp M35053 Datasheet HTML 10Page - Renesas Technology Corp M35053 Datasheet HTML 11Page - Renesas Technology Corp M35053 Datasheet HTML 12Page - Renesas Technology Corp M35053 Datasheet HTML 13Page - Renesas Technology Corp M35053 Datasheet HTML 14Page - Renesas Technology Corp M35053 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
10
Register
HSZ10
HSZ11
HSZ20
HSZ21
VSZ10
VSZ11
VSZ20
VSZ21
DFLD0
DFLD1
EFILD0
EFLD1
___
D/V
TEST28
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
HSZ11
0
0
1
1
HSZ10
0
1
0
1
Horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
HSZ21
0
0
1
1
HSZ20
0
1
0
1
Horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
VSZ11
0
0
1
1
VSZ10
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
VSZ21
0
0
1
1
VSZ20
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
DFLD1
0
0
1
1
DFLD0
0
1
0
1
Field detection
OFF
The first field
The second field
Can not be used
EFLD1
0
0
1
1
EFLD0
0
1
0
1
Field detection
OFF
The first field
The second field
Can not be used
It outputs digital signal.
It outputs composite video signal (Note).
It should be fixed to “0”.
Can not be used.
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(4) Address F316
Remarks
Character size setting in the
horizontal direction for the first
line.
Character size setting in the
horizontal direction for the 2nd
line to 10th line.
Character size setting in the
vertical direction for the first line.
Character size setting in the
vertical direction for the 2nd line
to 10th line.
Specifies the field determination
procedure in relation to the
Decoding functions.
Refer to supplemental
explanation (2).
Specifies the field determination
procedure in relation to the
Encoding functions.
Refer to supplemental
explanation (2).
Encode (EDO) output control.
Refer to encode function (3).
___
Note. Output buffer is needed with EDO (12-pin) at D/V= “1”. (Refer to example of peripheral circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com