Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35053 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M35053 Datasheet HTML 21Page - Renesas Technology Corp M35053 Datasheet HTML 22Page - Renesas Technology Corp M35053 Datasheet HTML 23Page - Renesas Technology Corp M35053 Datasheet HTML 24Page - Renesas Technology Corp M35053 Datasheet HTML 25Page - Renesas Technology Corp M35053 Datasheet HTML 26Page - Renesas Technology Corp M35053 Datasheet HTML 27Page - Renesas Technology Corp M35053 Datasheet HTML 28Page - Renesas Technology Corp M35053 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
24
(3) Encode data output
_
Control encode data (EDO) output by register D/V (address F316)
Fig. 14 Encode data output
a)
_
Register D/V (address F316)=“0”
Digital 3 value output
b)
_
Register D/V (address F316)=“1”
Composite video signal output
g It is possible to make a fine adjustment (EHS=16 to 31. 16 settings. in increments of 1/(fH ! 192))
by use of EHS (registers EHP4 to EHP0 of address F816).
1P=1/(fH!32)
fH : Horizontal synchronous frequency(MHz)
A
Symbol
Min.
Typ.
Max.
B
C
D
E
H
(EHS+9)!
6.5P
2P
1P
16P
1/fH
Unit
VOH_a
VOM_a
VOL_a
0.4
5.0
2.3
0
4.0
V
V
V
1/(fH!192 )g
VDD : 5.0V, Ta : 25
°C
VOH_b
VOM_b
VOL_b
V
V
V
(b)
(a)
H
AB
C
D
E
VOH_a
VOM_a
VOL_a
Clock run-in
start bit
character 1
character 2
LSB1
LSB2
MSB1
MSB2
VOH_b
VOM_b
VOL_b
H
A
BC
D
E
EDO
magnify
EDO
magnify
3.1
3.3
3.5
1.9
2.1
2.3
1.3
1.5
1.7
µs
µs
µs
µs
µs
µs
15 setting is forbidden.)
(EHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com