Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35053 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M35053 Datasheet HTML 20Page - Renesas Technology Corp M35053 Datasheet HTML 21Page - Renesas Technology Corp M35053 Datasheet HTML 22Page - Renesas Technology Corp M35053 Datasheet HTML 23Page - Renesas Technology Corp M35053 Datasheet HTML 24Page - Renesas Technology Corp M35053 Datasheet HTML 25Page - Renesas Technology Corp M35053 Datasheet HTML 26Page - Renesas Technology Corp M35053 Datasheet HTML 27Page - Renesas Technology Corp M35053 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
23
0D16
2516
3D16
5516
6D16
8516
9D16
B516
CD16
E516
0E16
2616
3E16
5616
6E16
8616
9E16
B616
CE16
E616
0F16
2716
3F16
5716
6F16
8716
9F16
B716
CF16
E716
1016
2816
4016
5816
7016
8816
A016
B816
D016
E816
1116
2916
4116
5916
7116
8916
A116
B916
D116
E916
1216
2A16
4216
5A16
7216
8A16
A216
BA16
D216
EA16
1316
2B16
4316
5B16
7316
8B16
A316
BB16
D316
EB16
1416
2C16
4416
5C16
7416
8C16
A416
BC16
D416
EC16
1516
2D16
4516
5D16
7516
8D16
A516
BD16
D516
ED16
1616
2E16
4616
5E16
7616
8E16
A616
BE16
D616
EE16
1716
2F16
4716
5F16
7716
8F16
A716
BF16
D716
EF16
0016
1816
3016
4816
6016
7816
9016
A816
C016
D816
0216
1A16
3216
4A16
6216
7A16
9216
AA16
C216
DA16
0316
1B16
3316
4B16
6316
7B16
9316
AB16
C316
DB16
0416
1C16
3416
4C16
6416
7C16
9416
AC16
C416
DC16
0516
1D16
3516
4D16
6516
7D16
9516
AD16
C516
DD16
0616
1E16
3616
4E16
6616
7E16
9616
AE16
C616
DE16
0716
1F16
3716
4F16
6716
7F16
9716
AF16
C716
DF16
0816
2016
3816
5016
6816
8016
9816
B016
C816
E016
0916
2116
3916
5116
6916
8116
9916
B116
C916
E116
0A16
2216
3A16
5216
6A16
8216
9A16
B216
CA16
E216
0B16
2316
3B16
5316
6B16
8316
9B16
B316
CB16
E316
0C16
2416
3C16
5416
6C16
8416
9C16
B416
CC16
E416
0116
1916
3116
4916
6116
7916
9116
A916
C116
D916
Screen
line 1
line 2
line 3
line 4
line 5
line 6
line 7
line 8
line 9
line 10
The first character .......................................................... The 13th character ................................................ The 24th character
Useless area
Start setting data from the first line. Data set in the lines specified by registers EVP0 through EVP3 (address F216) will be
encoded.
Setting data in the second and subsequent lines, it is possible to set encode data to ten consecutive lines from those secified
by registers EVP0 to EVP2.
Similarly to encode line N specified by registers EVP0 through EVP2, extending encode lines to line N-1 and to line N+1, it is
possible to read encode data more certainly.
(2) Setting addresses
Set encode data in EC0 through EC2 of addresses (that correspond
to an extent from the first character to the thirteenth character in each
line as appearing on the screen.) Set “111” to EC2 through EC0 of all
the addresses in which you set no encode data.
Using area for encode data setting
Fig.13 Display monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com