Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35053 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M35053 Datasheet HTML 10Page - Renesas Technology Corp M35053 Datasheet HTML 11Page - Renesas Technology Corp M35053 Datasheet HTML 12Page - Renesas Technology Corp M35053 Datasheet HTML 13Page - Renesas Technology Corp M35053 Datasheet HTML 14Page - Renesas Technology Corp M35053 Datasheet HTML 15Page - Renesas Technology Corp M35053 Datasheet HTML 16Page - Renesas Technology Corp M35053 Datasheet HTML 17Page - Renesas Technology Corp M35053 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
13
Register
PHASE0
PHASE1
PHASE2
LEVEL0
BR
BG
BB
BLKHF
_
_
_
_
_
_
_
_
_
_
LIN24/32
LBLACK
TEST0
TEST1
TEST2
TEST31
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Internal bias off
Internal bias on
The halftone displaying “OFF” in superimpose
The halftone displaying “ON” in superimpose
24 characters 5 10 lines display
32 characters 5 7 lines display
Blanking level I 2.3V
Blanking level II 2.1V
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Can not be used.
It should to be fixed to “1”.
PHASE2
0
0
0
0
1
1
1
1
PHASE1
0
0
1
1
0
0
1
1
PHASE0
0
1
0
1
0
1
0
1
Raster
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
BB
0
0
0
0
1
1
1
1
BG
0
0
1
1
0
0
1
1
BR
0
1
0
1
0
1
0
1
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Character back-
ground color
Remarks
Raster color setting
Refer to supplemental
explanation (3) about video
signal level
Generates bias potential for
composite video signals
Character background color
setting.
Refer to supplemental
explanation (3) about video
signal level
This register is available in the
superimpose displaying only. (Note)
“1” setting is forbidden under
encoding.
Set a blackness level
(7) Address F616
Note. It is neccessary to input the external composite video signal to the CVIN pin, and externally connect a 100 to 200
Ω register in series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com