Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35053 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M35053 Datasheet HTML 18Page - Renesas Technology Corp M35053 Datasheet HTML 19Page - Renesas Technology Corp M35053 Datasheet HTML 20Page - Renesas Technology Corp M35053 Datasheet HTML 21Page - Renesas Technology Corp M35053 Datasheet HTML 22Page - Renesas Technology Corp M35053 Datasheet HTML 23Page - Renesas Technology Corp M35053 Datasheet HTML 24Page - Renesas Technology Corp M35053 Datasheet HTML 25Page - Renesas Technology Corp M35053 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
21
SERIAL DATA INPUT TIMING
(1) The address consists of 16 bits.
(2) The data consists of 16 bits.
(3)
__
The 16 bits in the SCK after the CS signal has fallen are the ad-
dress, and for succeeding input data, the address is incremented
every 16 bits.
Output timing of decode data
(1)
__
Setting “1” in the W/R register activates output mode.
(2) Outputs decode data in 16 clocks of the SCK after switching over
to output mode. (Don’t enter the SCK for more than 16 clocks.)
(3)
__
Raising the CS signal deactivates output mode.
__
(To switch over to input mode, cause CS to fall.)
(4) If no data are present, or if data have already been read, 000016
is output.
Fig. 11 Decode data output timing
Fig. 10 Serial input timing
Address (16 bit)
N=1, 2, 3
CS
SCK
LSB
MSB
SIN
Data N (16 bit)
LSB
MSB
LSB
MSB
Data N+1 (16 bit)
MSB
LSB
Decode data (16 bit)
LSB
Address (16 bit)
Data (16 bit)
CS
SCK
SIN
MSB
1
215
16
...
Output mode
When register MB/LB (Address F5 16) = “0”
(Register W/R = “1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com