Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35053 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M35053 Datasheet HTML 13Page - Renesas Technology Corp M35053 Datasheet HTML 14Page - Renesas Technology Corp M35053 Datasheet HTML 15Page - Renesas Technology Corp M35053 Datasheet HTML 16Page - Renesas Technology Corp M35053 Datasheet HTML 17Page - Renesas Technology Corp M35053 Datasheet HTML 18Page - Renesas Technology Corp M35053 Datasheet HTML 19Page - Renesas Technology Corp M35053 Datasheet HTML 20Page - Renesas Technology Corp M35053 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
16
Supplemental explanation about display control register
(1) How to effect synchronous separation from composite video signals
Synchronous separation is effected as follows depending on the width of L-level of the vertical synchronous period.
1. Less than 8.4µs ······ Not to be determined to be a vertical synchronous signal.
2. Equal to or higher than 8.4µs but less than 15.6µs ······ When two clocks continue, if take place, it is “L” period is determined to be a
vertical synchronization signal.
3. Equal to or higher than 15.6µs ······ It is “L” period is determined to be a vertical synchronous signal with no condition.
The determination is made at the timing indicated by V in Fig.3 either in case 2 or in case 3.
Fig. 4 The method of synchronous separation from composite video signal.
Fig. 5 Field definition
V A horizontal scanning line number corresponds to slice lines DVP4 through
DVP0 (address F116) and to encode lines EVP4 through EVP0 (address F216).
stands for either an equalizing pulse or sequence of synchronizing
pulse to be used as a trigger of a receiving set. H stands for a hori-
zontal scanning period.
(2) Field definition
8.4
µs
15.6
µs
Vertical synchronous signal
Composite video signal
V
8.4
µs
Equalizing pulse
Sequence of synchronizing pulse
First field
Pulses during a vertical
retrace line erasure period
Second field
1/2H
1H
123
456
7
8
9
10
1/2H
1H
8–12H
1
’
2
’
3
’
4
’
5
’
6
’
7
’
8
’
9
’
10
’
11
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com