Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35053 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M35053 Datasheet HTML 17Page - Renesas Technology Corp M35053 Datasheet HTML 18Page - Renesas Technology Corp M35053 Datasheet HTML 19Page - Renesas Technology Corp M35053 Datasheet HTML 20Page - Renesas Technology Corp M35053 Datasheet HTML 21Page - Renesas Technology Corp M35053 Datasheet HTML 22Page - Renesas Technology Corp M35053 Datasheet HTML 23Page - Renesas Technology Corp M35053 Datasheet HTML 24Page - Renesas Technology Corp M35053 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
20
DA
E
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DA
D
0
0
0
0
0
0
0
0
0
0
0
0
1
0
LEVEL
1
DA
C
0
0
REV
REV
REV
REV
_
_
_
_
_
_
W/R
DVP
4
EVP
4
_
D/V
0
0
0
0
EHP
4
DA
B
0
0
BLINK
BLINK
BLINK
BLINK
0
DVP
3
EVP
3
EFLD
1
0
__
MB/LB
0
RGBON
EHP
3
DA
A
0
0
EC2
EC2
EC2
EC2
1
DVP
2
EVP
2
EFLD
0
SPACE
0
0
0
EHP
2
DA
9
0
0
EC1
EC1
EC1
EC1
0
DVP
1
EVP
1
DFLD
1
DSP
9
0
LBLACK
CL
_
_
_
_
_
17/18
EHP
1
DA
8
0
0
EC0
EC0
EC0
EC0
0
DVP
0
EVP
0
DFLD
0
DSP
8
0
LIN
_
_
_
_
_
24/32
CBLINK
EHP
0
DA
7
1
0
C7
C7
C7
C7
1
HP
7
VP
7
VSZ
21
DSP
7
EQP
BLKHF
CURS
7
RAM
ERS
DA
6
1
0
C6
C6
C6
C6
0
HP
6
VP
6
VSZ
20
DSP
6
PALH
BB
CURS
6
DSPON
DA
5
1
0
C5
C5
C5
C5
0
HP
5
VP
5
VSZ
11
DSP
5
MPAL
BG
CURS
5
STOP
1
DA
4
1
0
C4
C4
C4
C4
0
HP
4
VP
4
VSZ
10
DSP
4
___
INT
/NON
BR
CURS
4
STOP
IN
DA
3
1
0
C3
C3
C3
C3
PTD
1
HP
3
VP
3
HSZ
21
DSP
3
_
_
_
_
N/P
LEVEL
0
CURS
3
SCOR
DA
2
0
0
C2
C2
C2
C2
PTD
0
HP
2
VP
2
HSZ
20
DSP
2
BLINK
2
PHASE
2
CURS
2
EX
DA
1
0
0
C1
C1
C1
C1
PTC
1
HP
1
VP
1
HSZ
11
DSP
1
BLINK
1
PHASE
1
CURS
1
BLK
1
DA
0
0
0
C0
C0
C0
C0
PTC
0
HP
0
VP
0
HSZ
10
DSP
0
BLINK
0
PHASE
0
CURS
0
BLK
0
Remarks
Specify address
Display OFF
DA
F
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address (F816)
Data (F816)
Data (0016)
Data (0116)
Data (EE16)
Data (EF16)
Data (F016)
Data (F116)
Data (F216)
Data (F316)
Data (F416)
Data (F516)
Data (F616)
Data (F716)
Data (F816)
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by then
serial input function. Example of data setting is shown in Figure 9.
Owing to automatic address increment, not necessary to enter ad-
dresses for the second and subsequent data.
In automatically, the next of address F816 is assigned to address
0016.
Fig. 9 shows an example of data serially entered.
Specify address
display RAM 0 to
EF16.
Specify address
register F016 to
F716.
Display ON
Fig. 9 Example of data setting by the serial input function
Address
/Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com