Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37207MF Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 53Page - Renesas Technology Corp M37207MF Datasheet HTML 54Page - Renesas Technology Corp M37207MF Datasheet HTML 55Page - Renesas Technology Corp M37207MF Datasheet HTML 56Page - Renesas Technology Corp M37207MF Datasheet HTML 57Page - Renesas Technology Corp M37207MF Datasheet HTML 58Page - Renesas Technology Corp M37207MF Datasheet HTML 59Page - Renesas Technology Corp M37207MF Datasheet HTML 60Page - Renesas Technology Corp M37207MF Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
56
Most Significant Bit
Bit 4 at 068016
Bit 4 at 068116
Bit 4 at 068216
;
Bit 4 at 069516
Bit 4 at 069616
Bit 4 at 069716
069816
to
069F16
Bit 4 at 06A016
Bit 4 at 06A116
Bit 4 at 06A216
;
Bit 4 at 06B516
Bit 4 at 06B616
Bit 4 at 06B716
06B816
to
06BF16
RAM for display (addresses 060016 to 06D716)
The CRT display RAM is allocated at addresses 060016 to 06D716,
and is divided into a display character code specification part and
display color specification part for each block. Table 9 shows the
contents of the CRT display RAM.
For example, to display 1 character position (the left edge) in block
1, write the character code in address 060016 and write the color
register No. to the low-order 2 bits (bits 0 and 1) in address 068016.
The color register No. to be written here is one of the 4 color regis-
ters in which the color to be displayed is set in advance. For details
on color registers, refer to (5) Color Registers. The structure of the
CRT display RAM is shown in Figure 53.
Block 1
1st character
2nd character
3rd character
;
22nd character
23rd character
24th character
Color Specification
064016
064116
064216
;
065516
065616
065716
065816
to
067F16
1st character
2nd character
3rd character
;
22nd character
23rd character
24th character
Block
Bit 4 at 06C016
Bit 4 at 06C116
Bit 4 at 06C216
;
Bit 4 at 06D516
Bit 4 at 06D616
Bit 4 at 06D716
06D816
to
06FF16
Table 9. Contents of CRT Display RAM
Not used
Block 2
Not used
Not used
Block 2
Display Position (from left)
1st character
2nd character
3rd character
;
22nd character
23rd character
24th character
Character Code Specification
Low-order 8 bits
060016
060116
060216
;
061516
061616
061716
061816
to
061F16
062016
062116
062216
;
063516
063616
063716
063816
to
063F16
068016
068116
068216
;
069516
069616
069716
069816
to
069F16
06A016
06A116
06A216
;
06B516
06B616
06B716
06B816
to
06BF16
06C016
06C116
06C216
;
06D516
06D616
06D716
06D816
to
06FF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com