Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37207MF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 17Page - Renesas Technology Corp M37207MF Datasheet HTML 18Page - Renesas Technology Corp M37207MF Datasheet HTML 19Page - Renesas Technology Corp M37207MF Datasheet HTML 20Page - Renesas Technology Corp M37207MF Datasheet HTML 21Page - Renesas Technology Corp M37207MF Datasheet HTML 22Page - Renesas Technology Corp M37207MF Datasheet HTML 23Page - Renesas Technology Corp M37207MF Datasheet HTML 24Page - Renesas Technology Corp M37207MF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
20
Fig. 12. Interrupt Control Register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 1 (ICON1) [Address 00FE16]
B
Name
Functions
After reset RW
Interrupt Control Register 1
0
Timer 1 interrupt
enable bit (TM1E)
0 : Interrupt disabled
1 : Interrupt enabled
1
Timer 2 interrupt
enable bit (TM2E)
2
Timer 3 interrupt
enable bit (TM3E)
3
4
CRT interrupt enable
bit (CRTE)
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0
0
0
0
0
0
RW
RW
RW
RW
RW
R
0
R
6
Timer 4 interrupt
enable bit (TM4E)
0 : Interrupt disabled
1 : Interrupt enabled
5
VSYNC interrupt enable
bit (VSCE)
0 : Interrupt disabled
1 : Interrupt enabled
0R W
Multi-master I2C-BUS
interface interrupt
enable bit (IICE)
0 : Interrupt disabled
1 : Interrupt enabled
W
—
Nothing is assigned. This bit is a write disable
bit. When this bit is read out, the value is “0.”
7
Fig. 13. Interrupt Control Register 2
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 2 (ICON2) [Address 00FF16]
B
Name
Functions
After reset RW
Interrupt Control Register 2
0
INT1 interrupt
enable bit (IT1E)
0 : Interrupt disabled
1 : Interrupt enabled
1
INT2 interrupt enable
bit (IT2E)
2
Serial I/O interrupt
enable bit (SIE)
3, 6 Fix these bits to “0.”
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0
0
0
0
0
0
RW
RW
RW
RW
4
f(XIN)/4096 interrupt
enable bit (MSE)
0 : Interrupt disabled
1 : Interrupt enabled
0R W
5
Timer 5 • 6 interrupt
enable bit (TM56E)
0 : Interrupt disabled
1 : Interrupt enabled
0R W
7 Timer 5 • 6 interrupt
switch bit (TM56C)
0 : Timer 5
1 : Timer 6
0R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com