Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37207MF Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 67Page - Renesas Technology Corp M37207MF Datasheet HTML 68Page - Renesas Technology Corp M37207MF Datasheet HTML 69Page - Renesas Technology Corp M37207MF Datasheet HTML 70Page - Renesas Technology Corp M37207MF Datasheet HTML 71Page - Renesas Technology Corp M37207MF Datasheet HTML 72Page - Renesas Technology Corp M37207MF Datasheet HTML 73Page - Renesas Technology Corp M37207MF Datasheet HTML 74Page - Renesas Technology Corp M37207MF Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
70
Fig. 66. Example of Raster Coloring
Fig. 67. CRT Control Register 2
(12) Raster Coloring Function
An entire screen (raster) can be colored by switching each of the R,
G, and B pins to MUTE output. R, G, B are controlled with the CRT
port control register; I is controlled with the CRT control register 2;
OUT is controlled with the character size register. 15 raster colors
can be obtained.
If the OUT pin has been set to raster coloring output, a raster color-
ing signal is always output during 1 horizontal scanning period. This
setting is necessary for erasing a background TV image.
If the R, G, and B pins have been set to MUTE signal output, a raster
coloring signal is output in the part except a no-raster colored char-
acter (in Figure 66, a character “O”) during 1 horizontal scanning
period. This ensures that character colors do not mix with the raster
color. In this case, MUTE signal is output from the OUT pin.
An example in which a magenta character “I” and a red character “O”
are displayed with blue raster coloring is shown in Figure 66.
A'
A
“RED”
“BLUE”
HSYNC
R
B
OUT
Signals
across
A – A'
b7 b6 b5 b4 b3 b2 b1 b0
CRT control register 2 (CBR) [Address 0208 16]
B
Name
Functions
After reset
R W
CRT Control Register 2
0
I signal output switch bit
(CBR0)
0: I signal output
1: MUTE signal output
0
1
I/TIM1 function switch bit
(CBR1)
0
RW
RW
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are indeterminate.
R—
0: I output or MUTE output
1: 1/2 clock ouput of timer 1
2
to
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com