Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37207MF Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 66Page - Renesas Technology Corp M37207MF Datasheet HTML 67Page - Renesas Technology Corp M37207MF Datasheet HTML 68Page - Renesas Technology Corp M37207MF Datasheet HTML 69Page - Renesas Technology Corp M37207MF Datasheet HTML 70Page - Renesas Technology Corp M37207MF Datasheet HTML 71Page - Renesas Technology Corp M37207MF Datasheet HTML 72Page - Renesas Technology Corp M37207MF Datasheet HTML 73Page - Renesas Technology Corp M37207MF Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
69
Fig. 65. Port Control Register
(11) CRT Output Pin Control
The CRT output pins R, G, B, I and OUT can also function as ports
P52, P53, P54, P55 and P56. Set the corresponding bit of the port P5
control register (address 00CB16) to “0” to specify these pins as CRT
output pins, or set it to “1” to specify it as a general-purpose port P5
pins.
The input polarity of signals HSYNC and VSYNC and output polarity of
signals R, G, B, I and OUT can be specified with the bits of the CRT
port control register (address 00EC16). Set a bit to “0” to specify posi-
tive polarity; set it to “1” to specify negative polarity.
The CRT clock I/O pins OSC1, OSC2 are controlled with the port
control register (address 020616).
The CRT port control register is shown in Figure 64.
The port control register is shown in Figure 65.
Fig. 64. CRT Port Control Register
b7 b6 b5 b4 b3 b2 b1 b0
CRT port control register (CRTP) [Address 00EC 16]
B
Name
Functions
After reset R W
CRT Port Control Register
0HSYNC input polarity
switch bit (HSYC)
0 : Positive polarity
1 : Negative polarity
0
1
0 : Positive polarity
1 : Negative polarity
0
2
R, G, B output polarity
switch bit (R/G/B)
0 : Positive polarity
1 : Negative polarity
0
3
I output polarity switch bit
(I)
0 : Positive polarity
1 : Negative polarity
0
4
OUT output polarity
switch bit (OUT)
0 : Positive polarity
1 : Negative polarity
0
5
R signal output switch bit
(R)
0 : R signal output
1 : MUTE signal output
0
6
G signal output switch bit
(G)
0 : G signal output
1 : MUTE signal output
0
7
B signal output switch bit
(B)
0 : B signal output
1 : MUTE signal output
0
VSYNC input polarity
switch bit (VSYC)
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Port control register (P7D) [Address 020616]
B
Name
Functions
After reset
R W
Port Control Register
0, 1 Port P7 data input bits
(P7D0, P7D1)
When only OP1 = “0” and
OP0 = ”1,” input data is
valid.
(See note)
Indeterminate
2
D-A/AD3 function selection
bit (P7D2)
0
RW
RW
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are indeterminate.
R—
4P40/XCIN, P41/XCOUT
function selection bit
(P7D4)
0 : P40, P41
1 : XCIN, XCOUT
0
RW
Note: OP is the CRT clock selection register.
0: AD3
1: D-A
3,
5 to 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com