Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37207MF Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 93Page - Renesas Technology Corp M37207MF Datasheet HTML 94Page - Renesas Technology Corp M37207MF Datasheet HTML 95Page - Renesas Technology Corp M37207MF Datasheet HTML 96Page - Renesas Technology Corp M37207MF Datasheet HTML 97Page - Renesas Technology Corp M37207MF Datasheet HTML 98Page - Renesas Technology Corp M37207MF Datasheet HTML 99Page - Renesas Technology Corp M37207MF Datasheet HTML 100Page - Renesas Technology Corp M37207MF Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
96
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Memory Map of Special Function Register (SFR)
sSFR Area (addresses C016 to DF16)
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CB16
CC16
CD16
CE16
CF16
CA16
Address
Port P5 (P5)
Port P5 control register (D5)
DA-H register (DA-H)
DA-L register (DA-L)
PWM0 register (PWM0)
Port P1 (P1)
Port P1 direction register (D1)
Port P3 (P3)
Port P3 direction register (D3)
Port P2 (P2)
Port P2 direction register (D2)
Register
Port P0 (P0)
Port P0 direction register (D0)
PWM1 register (PWM1)
PWM2 register (PWM2)
PWM3 register (PWM3)
PWM4 register (PWM4)
PWM output control register 1 (PW)
PWM output control register 2 (PN)
Serial I/O mode register (SM)
Serial I/O regsiter (SIO)
Bit allocation
State immediately after reset
: “0” immediately after reset
: Undefined immediately
after reset
0
1
?
<State immediately after reset >
: “1” immediately after reset
: Fix this bit to “0”
(do not write “1”)
:
< Bit allocation >
Function bit
: No function bit
: Fix this bit to “1”
(do not write “0”)
Name
:
1
0
I2C data shift register (S0)
I2C control register (S1D)
I2C clock control register (S2)
I2C status register (S1)
I2C address register (S0D)
PW0
PW1
PW2
PW3
PW4
PW5
PW6
PW7
PN2
PN3
PN4
b7
b0
?
0016
b7
b0
?
0016
?
0016
?
?
?
?
?
?
?
0
?
?
0
?
?
?
?
?
?
0
0
?
?
?
?
?
?
?
?
?
?
0016
?
?
?
SM0
SM1
SM2
SM3
SM5
SM6
0
?
0016
0016
0016
0016
SAD0
SAD1
SAD2
SAD3
SAD4
SAD5
SAD6
RBW
LRB
AD0
AAS
AL
PIN
BB
TRX
MST
BC0
BC1
BC2
ESO
ALS
BSEL0
BSEL1
CCR0
CCR1
CCR2
CCR3
CCR4
ACK
10BIT
SAD
D1
D2
D3
D4
D5
D6
D7
D0
FAST
MODE
ACK
BIT
PN1 PN0
?
?
0016
?
0016
0016
0016
0
0
0
01
0
0?
0016
RE1
RE2
RE3
RE4
RE5
RE0
Port P4 (P4)
Port P4 direction register (D4)
Port P6 (P6)
Port P6 direction register (D6)
Interrupt interval determination register (??)
Interrupt interval determination control register (RE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com