Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37207MF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37207MF Datasheet HTML 1Page - Renesas Technology Corp M37207MF Datasheet HTML 2Page - Renesas Technology Corp M37207MF Datasheet HTML 3Page - Renesas Technology Corp M37207MF Datasheet HTML 4Page - Renesas Technology Corp M37207MF Datasheet HTML 5Page - Renesas Technology Corp M37207MF Datasheet HTML 6Page - Renesas Technology Corp M37207MF Datasheet HTML 7Page - Renesas Technology Corp M37207MF Datasheet HTML 8Page - Renesas Technology Corp M37207MF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
DESCRIPTION
The M37207MF-XXXSP/FP and M37207M8-XXXSP are single-chip
microcomputers designed with CMOS silicon gate technology. It is
housed in a 64-pin shrink plastic molded DIP or a 80-pin plastic molded
QFP.
In addition to their simple instruction sets, the ROM, RAM and I/O
addresses are placed on the same memory map to enable easy pro-
gramming.
The M37207MF-XXXSP/FP has a PWM function and an OSD func-
tion, so it is useful for a channel selection system for TV. The fea-
tures of the M37207EFSP/FP are similar to those of the M37207MF-
XXXSP/FP except that these chips have a built-in PROM which can
be written electrically. The difference between M37207MF-XXXSP/
FP and M37207M8-XXXSP are the ROM size, RAM size, ROM size
for display and kinds of character. Accordingly, the following descrip-
tions will be for the M37207MF-XXXSP/FP unless otherwise noted.
• Multi-master I2C-BUS interface ...............................1 (3 systems)
• Power dissipation
In high-speed mode ........................................................ 165 mW
(at VCC = 5.5 V, 8 MHz oscillation frequency, CRT on)
In low-speed mode ......................................................... 0.33 mW
(at VCC = 5.5 V, 32 kHz oscillation frequency)
• A-D comparator (6-bit resolution) ................................ 8 channels
• PWM output circuit ...................................... 14-bit !1, 8-bit !10
• Interrupt interval determination circuit ........................................ 1
• ROM correction function .......................................... 32 bytes ! 2
• CRT display function
Number of display characters ............... 24 characters ! 3 lines
(16 lines maximum)
Kinds of characters .................. 256 kinds (M37207M8-XXXSP)
384 kinds (M37207MF-XXXSP/FP,
M37207EFSP/FP)
Character display area .......................................... 12 ! 16 dots
Kinds of character sizes ................................................. 4 kinds
Kinds of character colors (It can be specified by the character)
maximum 15 kinds (R, G, B, I)
Kinds of character background colors (It can be specified by the character)
maximum 7 kinds (R, G, B)
1/2-character unit color specification is possible.
Kinds of raster colors (maximum 15 kinds)
Display position
Horizontal .................................................................. 64 levels
Vertical .................................................................... 128 levels
Bordering (horizontal and vertical)
Wipe function
Scanning line double count mode display is possible.
APPLICATION
TV
FEATURES
• Number of basic instructions .................................................... 71
• Memory size .................................................................................
ROM ...................... 32K bytes (M37207M8-XXXSP)
62K bytes (M37207MF-XXXSP/FP,
M37207EFSP/FP)
RAM ...................... 512 bytes (M37207M8-XXXSP)
960 bytes (M37207MF-XXXSP/FP,
M37207EFSP/FP)
ROM correction memory ............................ 64 bytes
ROM for display ....... 8K bytes (M37207M8-XXXSP)
12K bytes (M37207MF-XXXSP/FP,
M37207EFSP/FP)
RAM for display ........................................ 144 bytes
• Minimum instruction execution time
........................................ 0.5
µs (at 8 MHz oscillation frequency)
• Power source voltage ..................................................5 V ± 10 %
• Subroutine nesting ............................................ 128 levels (Max.)
• Interrupts ...................................................... 15 types, 14 vectors
• 8-bit timers ................................................................................. 6
• Programmable I/O ports
(Ports P0, P1, P2, P30–P36, P4, P6) ....................................... 47
• Input ports (Ports P70, P71) ....................................................... 2
• Output ports (Ports P52–P56)..................................................... 5
• 12 V withstand ports ................................................................. 10
• LED drive ports .......................................................................... 4
• Serial I/O ....................................... 8-bit !1 channel (2 systems)
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com