Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37207MF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 5Page - Renesas Technology Corp M37207MF Datasheet HTML 6Page - Renesas Technology Corp M37207MF Datasheet HTML 7Page - Renesas Technology Corp M37207MF Datasheet HTML 8Page - Renesas Technology Corp M37207MF Datasheet HTML 9Page - Renesas Technology Corp M37207MF Datasheet HTML 10Page - Renesas Technology Corp M37207MF Datasheet HTML 11Page - Renesas Technology Corp M37207MF Datasheet HTML 12Page - Renesas Technology Corp M37207MF Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
8
Output port
P5
CRT output
Timer 1 overflow
signal output
I/O port P6
PWM output
Input port P7
Clock input
for CRT
display
Clock output
for CRT
display
Analog input
HSYNC input
VSYNC input
Timing
output
DA output
Analog input
PIN DESCRIPTION (continued)
R/P52,
G/P53,
B/P54,
I/P55/TIM1
OVERFLOW,
OUT/P56
P60/PWM–
P67/PWM7
OSC1/P70/
AD4,
OSC2/P71/
AD5
HSYNC
VSYNC
f
D-A/AD3
Output
Output
Output
I/O
Output
Input
Input
Output
Input
Input
Input
Output
Output
Input
Ports P52–P56 are 5-bit output ports. The output structure is CMOS output.
Pins P52–P56 are also used as CRT output pins R, G, B, I, OUT respectively. The output structure
is CMOS output.
Pin P55 is also used as timer 1 overflow signal output pin TIM1 OVERFLOW. The output structure is
CMOS output.
Port P6 is an 8-bit I/O port and has basically the same functions as port P0. The output structure is
N-channel open-drain output.
Pins P60–P67 are also used as PWM output pins PWM0–PWM7. The output structure is CMOS
output.
Ports P70, P71 are 2-bit input port.
Pin P70 is also used as CRT display clock input pin OSC1.
Pin P71 is also used as CRT display clock output pin OSC2. The output structure is CMOS output.
Pins P70, P71 are also used as analog input pins AD4, AD5 respectively.
This is a horizontal synchronous signal input for CRT display.
This is a vertical synchronous signal input for CRT display.
This is a timing output pin. This pin has reset-out output function. The output structure is CMOS
output.
This is an output pin for 14-bit PWM.
The D-A pin is also used as analog input pin AD3.
Note : As shown in the memory map (Figure 5), port P0 is accessed as a memory at address 00C016 of zero page. Port P0 has the port P0
direction register (address 00C116 of zero page) which can be used to program each bit as an input (“0”) or an output (“1”). The pins
programmed as “1” in the direction register are output pins. When pins are programmed as “0,” they are input pins. When pins are
programmed as output pins, the output data are written into the port latch and then output. When data is read from the output pins, the
output pin level is not read but the data of the port latch is read. This allows a previously-output value to be read correctly even if the
output “L” voltage has risen, for example, because a light emitting diode was directly driven. The input pins float, so the values of the pins
can be read. When data is written into the input pin, it is written only into the port latch, while the pin remains in the floating state.
Pin
Name
Input/
Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com