Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61201SP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M61201SP Datasheet HTML 1Page - Renesas Technology Corp M61201SP Datasheet HTML 2Page - Renesas Technology Corp M61201SP Datasheet HTML 3Page - Renesas Technology Corp M61201SP Datasheet HTML 4Page - Renesas Technology Corp M61201SP Datasheet HTML 5Page - Renesas Technology Corp M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
V IF
Block
Parameter
Condition
Pin No.
Min
Typ
Max
Unit
VIF AMP
VIF Imput Impedance
6,7
1.2
Kohm
VIF Imput Capacitance
5
pF
Input Sensitiv ity
-3dB
47
dBµ
Maximum Input Amplitude
+3dB
108
dBµ
PLL
Capture Range U
-
2
MHz
Capture Range L
-2
MHz
Inter Modulation
Red Raster
35
dB
IF AGC
AGC Control Range
5
61
dB
Output Current(Charge)
10
µA
Output Current(Discharge)
400
µA
Maximum IF AGC voltage
4.6
V
IF AGC voltage (80dBu)
2.3
V
Minimum IF AGC voltage
1.8
V
RF AGC
Maximum RF AGC voltage
4
7.7
V
Minimum RF AGC voltage
0.3
V
Maximum Delay Point
105
dBµ
Minmum Delay Point
65
dBµ
RF AGC Adjustment Step
IIC 7bit
0.31
dB/bit
Output Current(Charge & Discharge)
400
uA
Video Det
Video S/N
52
54
dB
Video Out
Frequency Response
8
MHz
DG
3
%
DP
3
deg
Video Out DC voltage(Neg)
No input,IFAGC gainMin
2.7
V
Maximum Output Amplitude
87.5% Video Mod
2.4
Vp-p
Typical Output Amplitude
2.2
Vp-p
Minimum Output Amplitude
2
Vp-p
Sync Tip voltage (typ) (Neg)
V
Gain Adjustment Step
IIC 3bit
57
mV /bit
Video output impedance
Ohm
Maximum output current
mA
Ratio of Sync and Video amplitude
28.5
%
VIF VCO
Frequency Select
IIC 3bit
-
Free run Frequency Offset
38.0MHz(China)
0
MHz
38.9MHz(Asia,EU)
0
MHz
39.5MHz(UK)
0
MHz
45.75MHz(US,Kor)
0
MHz
58.75MHz(JP)
0
MHz
Free run Frequency Adjustment Step
IIC 6bit
125
KHz/bit
AFT
Center Frequency Offset
2
+/- 30
KHz
Sensitiv ity
-80
mV/KHz
Sensitiv ity (Reverse type for L')
IIC 1bit
+80
mV/KHz
Output Current(Charge & Discharge)
100
µA
Maximum AFT voltage
7.7
V
Minimum AFT voltage
0.3
V
AFT Defeat voltage
IIC 1bit
4
V
IIC Output byte(IIC 2bit AFT0,AFT1)
f<-100KHz
-
11
-100KHz < f < fo
01
fo < f < +100KHz
00
+100KHz < f
10
Station Det
IIC Output byte(Lock Det +SPD AGC)
IIC 1bit
-
L
ELECTRICAL CHARACTERISTIC
4
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com