Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61201SP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61201SP Datasheet HTML 4Page - Renesas Technology Corp M61201SP Datasheet HTML 5Page - Renesas Technology Corp M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp M61201SP Datasheet HTML 10Page - Renesas Technology Corp M61201SP Datasheet HTML 11Page - Renesas Technology Corp M61201SP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
DEFLECT ION
Block
Parameter
Condition
Pin No.
Min
Typ
Max
Unit
Sync Sep.
Sync Slice Level
IIC 2bit
-
20/30/40/50
%
Minimum Sync Detection Level
-
75
%
H VCO
Horizontal Free-running Frequency
12
15.725
KHz
Free-running Frequency Adjustment
IIC 3bit
-500
-
+500
Hz
AFC1
Pull-in Range (U) (normal)
12
+600
Hz
Pull-in Range (L) (normal)
-600
Hz
Pull-in Range (U) (fast)
(switch by IIC and
+800
Hz
Pull-in Range (L) (fast)
COINCIDENT)
-800
Hz
H Phase
Control Range
12
-1.6
-
+1.6
µsec
Control Step
IIC 5bit
0.1
µsec/bit
HOUT
H Pulse Tim ing from rising edge of FBP
12
-8.5
µsec
H Pulse W idth
25
µsec
H Pulse Amplitude
6
V
H STOP Function
IIC 1bit
0
V
H Free Function
IIC 1bit
SCPOUT/
BGP Timing from rising edge of sync
11
0.5
µsec
FBPIN
BGP W idth
11
3
µsec
Inverted FBP OUT
Open Collector
16
Vertical
Vertical Free-running Frequency
IIC 1bit
21
50 / 60
Hz
Countdown
V Free Function
IIC 1bit
Pull-in Range 50Hz (U)
55
Hz
Pull-in Range 50Hz (L)
45
Hz
Pull-in Range 60Hz (U)
67
Hz
Pull-in Range 60Hz (L)
55
Hz
V Blanking W idth
18
1.5
msec
V RAMP OUT
V Ramp out Amplitude (typ)
21
2.0
Vp-p
V Size Control Range
IIC 6bit
-40
+40
%
V Shift Step
IIC 3bit
2 H/step
V Linearity Control Range
IIC 6bit
-15
+15
%
S-Correction Control Range
IIC 6bit
25
%
East-W est
H Size (TOP DC voltage)typ
17
4.0
Vdc
H Size Control Range
IIC 6bit
3.2
4.8
V
Parabola Amplitude typ
1.0
Vp-p
Parabola Control Range
IIC 6bit
-80
+80
%
Trapezium Control Range
IIC 6bit
-6
+6
%
Parabola Corner Control Range
IIC 6bit
-30
+30
%
O ther
Block
Parameter
Condition
Pin No.
Min
Typ
Max
Unit
IIC
Acknowledge Current
14/15
5
mA
SCL/SDA Threshold voltage(H)
0.75
V
SCL/SDA Threshold voltage(L)
4.25
V
Clock Frequency
100
KHz
Intelligent
TBD
IIC 4bit
41
Monitor
8
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com