Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61201SP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp M61201SP Datasheet HTML 10Page - Renesas Technology Corp M61201SP Datasheet HTML 11Page - Renesas Technology Corp M61201SP Datasheet HTML 12Page - Renesas Technology Corp M61201SP Datasheet HTML 13Page - Renesas Technology Corp M61201SP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
PRELIMINARY
13
State Diagram of Auto Colour System
State Diagram of 4.43MHz/3.58MHz Selection
PAL-N
PAL-M
fv =60Hz
Locked in
3.575611MHz
Vertical freq.
Chroma APC
fv =50Hz
Vertical freq.
NTSC-M
fv =60Hz
Locked in
3.579545MHz
Vertical freq.
Chroma APC
State Diagram of South American Colour System
3.58MHz
Colour Killer:ON
(by 1 field)
Locked in
3.58MHz
4.43MHz
Locked in
4.43MHz
Reference Crystal
DDS
Chroma APC
Chroma APC
PAL
NTSC
NTSC
PAL
Colour Killer:OFF
(by1 field)
Colour Killer:ON
(by1 field)
PAL
NO
det.
NTSC
NO
det.
State Diagram of Vertical Frequency Identification
FreeRun
60Hz
50Hz
50Hz
Narrow
60Hz
Narrow
50Hz
W ide
60Hz
W ide
Each State trasfers by 3fields
Sync IN
No Sync during
59.2
to
60.5Hz
55.4
to
63.4Hz
47.9
to
50.5Hz
continuous 3 fields
(DDS function quits when chroma APC is locked in 4.43MHz.)
F reeRUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com